Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD71028 Datasheet(PDF) 3 Page - Analog Devices

Part # AD71028
Description  Dual Digital BTSC Encoder with Integrated DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD71028 Datasheet(HTML) 3 Page - Analog Devices

  AD71028 Datasheet HTML 1Page - Analog Devices AD71028 Datasheet HTML 2Page - Analog Devices AD71028 Datasheet HTML 3Page - Analog Devices AD71028 Datasheet HTML 4Page - Analog Devices AD71028 Datasheet HTML 5Page - Analog Devices AD71028 Datasheet HTML 6Page - Analog Devices AD71028 Datasheet HTML 7Page - Analog Devices AD71028 Datasheet HTML 8Page - Analog Devices AD71028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD71028
Rev. 0 | Page 3 of 20
SPECIFICATIONS
TEST CONDITIONS, UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
5.0 V
Ambient Temperature
25°C
Input Clock
12.288 MHz
Input Signal
1 kHz, 0 dBFS
Input Sample Rate
48 kHz
Measurement Bandwidth
20 Hz to 14 kHz
Word Width
24 Bits
Load Capacitance
50 pF
Input Voltage HI
2.4 V
Input Voltage LO
0.4 V
DAC ANALOG PERFORMANCE
Table 1.
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
Dynamic Range (20 Hz to 14 kHz, –60 dB Input) (Encoded Output, Left = Right)
85
921
dB
Total Harmonic Distortion + Noise (Encoded Output, Left = Right, 20 Hz to 14 kHz)
VIN = 0 dB
–85
–921
dB
Differential Output Range (± Full Scale, Left = Right)
1.7
V p-p
1Measurement of encoded BTSC signal, not a measurement of end-to-end system.
BTSC ENCODER PERFORMANCE
Table 2.
Parameter
Min
Typ
Max
Unit
Channel Separation1
30 Hz to 500 Hz
27
dB
500 Hz to 5 kHz
23
dB
5 kHz to 13.5 kHz
16
dB
Frequency Response1
30 Hz to 10 kHz
+0.5
–1.0
dB
30 Hz to 13.5 kHz
+0.5
–1.5
dB
1These specifications are measured with a –25 dB, 1 kHz input signal.
DIGITAL I/O
Table 3.
Parameter
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.1
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
10
µA
Input Leakage (IIL @ VIL = 0.8 V)
10
µA
High Level Output Voltage (VOH) IOH = 2 mA
DVDD – 0.5
V
Low Level Output Voltage (VOL) IOL = 2 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com