Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD71028 Datasheet (PDF) - Analog Devices

AD71028 Datasheet PDF - Analog Devices
Part # AD71028
Download  AD71028 Download
File Size   427.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Digital BTSC Encoder with Integrated DAC

AD71028 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD71028 Datasheet PDF - Analog Devices

Part # AD71028
Download  AD71028 Click to download

File Size   427.04 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Digital BTSC Encoder with Integrated DAC

AD71028 Datasheet (HTML) - Analog Devices


AD71028 Product details

PRODUCT OVERVIEW
The AD71028 dual digital BTSC encoder provides two complete digital BTSC encoder channels, including the pilot-tone generation and subcarrier mixing functions. Two built-in high performance DACs are provided to output the BTSC baseband composite signal. The output of the AD71028 can be connected with minimal external circuitry to the input of a 4.5 MHz aural FM modulator.

FEATURES
   2 complete independent BTSC encoders
   Pilot tone generator
   Includes subcarrier modulation
   Typical 23 dB to 27 dB separation, 16 dB minimum
   Signal bandwidth of 14 kHz
   Phat-StereoTM algorithm for stereo image enhancement
   Dialog enhancement function for playing wide dynamic
      range video sources over built-in TV speakers
   Includes L-R dual-band compressor
   SPI® port for control of modes and effects
   Differential output for optimum performance
   DAC performance: 92 dB dynamic range, –92 dB THD+N
   Output level control for setting aural carrier deviation
   Flexible serial data port with right-justified, left-justified,
   I2S compatible, and DSP serial port modes
   48-lead LQFP plastic package

APPLICATIONS
   Digital set-top box BTSC encoder




Similar Part No. - AD71028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
Dual Digital BTSC Encoder with Integrated DAC
REV. 0
More results


Similar Description - AD71028

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV.0
AD1970 AD-AD1970 Datasheet
449Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
4/05-Revision 0
logo
Holt Integrated Circuit...
HI-1575 HOLTIC-HI-1575 Datasheet
117Kb / 12P
3.3V Dual Transceivers with Integrated Encoder / Decoders
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
Digital BTSC Decoder
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
Digital BTSC Decoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
Digital BTSC Stereo Encoder
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
TRINAMIC Motion Control...
TMCM-110-42-SE TRINAMIC-TMCM-110-42-SE Datasheet
638Kb / 23P
Integrated encoder
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com