Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9705-EB Datasheet HTML 9Page - Analog Devices AD9705-EB Datasheet HTML 10Page - Analog Devices AD9705-EB Datasheet HTML 11Page - Analog Devices AD9705-EB Datasheet HTML 12Page - Analog Devices AD9705-EB Datasheet HTML 13Page - Analog Devices AD9705-EB Datasheet HTML 14Page - Analog Devices AD9705-EB Datasheet HTML 15Page - Analog Devices AD9705-EB Datasheet HTML 16Page - Analog Devices AD9705-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 13 of 52
AD9705
AD9705
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
8
7
6
5
4
3
2
1
NC
NC
NC
DB0 (LSB)
DB1
DVDD
DB2
DB3
17
18
19
20
21
22
23
24
PIN/SPI/RESET
AVDD
OTCM
IOUTB
IOUTA
ACOM
REFIO
FS ADJ
NC = NO CONNECT
Figure 5. AD9705 Pin Configuration
Table 11. AD9705 Pin Function Descriptions
Pin No.
Mnemonic
Description
27
DB9 (MSB)
Most Significant Data Bit (MSB).
28 to 32,
1, 2, 4
DB8 to DB1
Data Bit 8 to Data Bit 1.
5
DB0 (LSB)
Least Significant Data Bit (LSB).
25
SLEEP/CSB
In pin mode, active high powers down chip.
In SPI mode, this pin is the serial port chip select (active low).
24
FS ADJ
Full-Scale Current Output Adjust.
23
REFIO
Reference Input/Output. Serves as reference input when internal reference disabled. Serves as 1.0 V reference
output when internal reference activated. Requires a 0.1 μF capacitor to ACOM when internal reference activated.
22
ACOM
Analog Common.
21
IOUTA
DAC Current Output. Full-scale current is sourced when all data bits are 1s.
20
IOUTB
Complementary DAC Current Output. Full-scale current is sourced when all data bits are 0s.
19
OTCM
Adjustable Output Common Mode. Refer to the Theory of Operation section for details.
18
AVDD
Analog Supply Voltage (1.7 V to 3.6 V).
17
PIN/SPI/RESET
Selects SPI mode or pin mode operation. Active high for pin mode operation. Active low for SPI mode
operation. Pulse high to reset SPI registers to default values.
16
MODE/SDIO
In pin mode, this selects the input data format. Connect to DCOM for straight binary, DVDD for twos complement.
In SPI mode, this pin acts as SPI data input/output.
15
CMODE/SCLK
In pin mode, this pin selects the clock input type. Connect to CLKCOM for single-ended clock receiver
(drive CLK+ and float CLK–). Connect to CLKVDD for differential receiver.
In SPI mode, this pin is the serial data clock input.
14
CLKCOM
Clock Common.
13
CLK−
Differential Clock Input.
12
CLK+
Differential Clock Input.
11
CLKVDD
Clock Supply Voltage (1.7 V to 3.6 V).
10, 26
DCOM
Digital Common.
6 to 9
NC
No Connect.
3
DVDD
Digital Supply Voltage (1.7 V to 3.6 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com