Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9705-EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9705-EB
Description  8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705-EB Datasheet(HTML) 3 Page - Analog Devices

  AD9705-EB Datasheet HTML 1Page - Analog Devices AD9705-EB Datasheet HTML 2Page - Analog Devices AD9705-EB Datasheet HTML 3Page - Analog Devices AD9705-EB Datasheet HTML 4Page - Analog Devices AD9705-EB Datasheet HTML 5Page - Analog Devices AD9705-EB Datasheet HTML 6Page - Analog Devices AD9705-EB Datasheet HTML 7Page - Analog Devices AD9705-EB Datasheet HTML 8Page - Analog Devices AD9705-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
AD9704/AD9705/AD9706/AD9707
Rev. 0 | Page 3 of 52
GENERAL DESCRIPTION
The AD9704/AD9705/AD9706/AD9707 are the fourth-
generation family in the TxDAC series of high performance,
CMOS digital-to-analog converters (DACs). This pin-compatible,
8–/10–/12–/14–bit resolution family is optimized for low power
operation, while maintaining excellent dynamic performance.
The AD970x family is pin-compatible with the AD9748/AD9740/
AD9742/AD9744 family of TxDAC converters and is specifically
optimized for the transmit signal path of communication systems.
All of the devices share the same interface, LFCSP_VQ package,
and pinout, providing an upward or downward component
selection path based on performance, resolution, and cost.
The AD970x offers exceptional ac and dc performance, while
supporting update rates up to 175 MSPS.
The flexible power supply operating range of 1.7 V to 3.6 V and
low power dissipation of the AD970x parts make them well-suited
for portable and low power applications.
Power dissipation of the AD970x can be reduced to 15 mW, with
a small trade-off in performance, by lowering the full-scale
current output. In addition, a power-down mode reduces the
standby power dissipation to approximately 2.2 mW.
The AD970x has an optional serial peripheral interface (SPI) that
provides a higher level of programmability to enhance performance
of the DAC. An adjustable output, common-mode feature allows
for easy interfacing to other components that require common
modes greater than 0 V.
Edge-triggered input latches and a 1.0 V temperature-compensated
band gap reference have been integrated to provide a complete,
monolithic DAC solution. The digital inputs support 1.8 V and
3.3 V CMOS logic families.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com