Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4303-2ACPZ-R2
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4303-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADA4303-2
Rev. 0 | Page 8 of 12
APPLICATIONS
The ADA4303-2 active splitter is primarily intended for use
in the downstream path of television set-top boxes (STBs) that
contain multiple tuners. It is typically located directly after the
diplexer in a CATV customer premise unit. The ADA4303-2
provides a single-ended input and two single-ended outputs
that allow the delivery of the RF signal to two different signal
paths. These paths can include, but are not limited to, a main
picture tuner, a picture-in-picture (PIP) tuner, an out-of-band
(OOB) tuner, a digital video recorder (DVR), and a cable
modem (CM).
The ADA4303-2 exhibits composite second-order (CSO) and
composite triple beat (CTB) products that are −62 dBc and
−72 dBc, respectively. The use of the SiGe process also allows
the ADA4303-2 to achieve a noise figure (NF) of less than 4.5 dB.
CIRCUIT DESCRIPTION
The ADA4303-2 consists of a low noise buffer amplifier followed
by a resistive power divider. This arrangement provides 3 dB of
gain relative to the RF signal present at the input of the device.
The input and each output must be properly matched to a 75 Ω
environment for distortion and noise performance to match the
data sheet specifications. In addition, to achieve the specified gain,
a 1% 249 Ω resistor should be installed to ground on each output.
AC coupling capacitors of 0.01 μF are recommended for the
input and outputs.
A 1 μH RF choke (Coilcraft chip inductor 0805LS-102X) is
required to correctly bias internal nodes of the ADA4303-2.
It should be connected between the 5 V supply and IL (Pin 11).
EVALUATION BOARD
The ADA4303-2 evaluation board allows designers to assess the
performance of the part in their particular applications. The board
includes 75 Ω coaxial connectors and 75 Ω controlled-impedance
signal traces that carry the input and output signals. Power (5 V)
is applied to the red VCC loop connector, and ground is connected
to the black GND loop connector.
The board has two 249 Ω resistors between each output and
ground that set the gain of the overall circuit to 3 dB and
improve output-to-output isolation. A schematic of the
ADA4303-2 evaluation board is shown in Figure 17.
RF LAYOUT CONSIDERATIONS
Appropriate impedance matching techniques are mandatory
when designing a circuit board for the ADA4303-2. Improper
characteristic impedances on traces can cause reflections that
can lead to poor linearity. The characteristic impedance of the
signal trace from each output should be 75 Ω.
POWER SUPPLY
The 5 V supply should be applied to each of the VCC pins and
RF choke via a low impedance power bus. The power bus should
be decoupled to ground using a 10 μF tantalum capacitor and
a 0.1 μF ceramic chip capacitor located close to the ADA4303-2.
In addition, the VCC pins should be decoupled to ground with
a 0.1 μF ceramic chip capacitor located as close to each of the
pins as possible.
1
ADA4303-2
C3
0.01μF
249Ω
L1
1.0μH
VCC
GND
VCC
VIN
2
3
45
7
9
6
8
10
11
12
J3
J2
J1
GND
GND
NC = NO CONNECT
VO2
VO1
C2
0.01μF
C4
0.01μF
C5
10µF
+
C6
0.1µF
C1
0.1µF
249Ω
Figure 17. ADA4303-2 Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com