Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4303-2ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4303-2ACPZ-R2
Description  1:2 Single-Ended, Low Cost Active RF Splitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4303-2ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4303-2ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4303-2ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1:2 Single-Ended, Low Cost
Active RF Splitter
ADA4303-2
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Ideal for CATV applications
Excellent frequency response
1.7 GHz, −3 dB bandwidth
1 dB flatness to 1.2 GHz
Low noise figure: 4.4 dB
Low distortion
Composite second order (CSO): −62 dBc
Composite triple beat (CTB): −72 dBc
1 dB compression point of 8.5 dBm
3 dB of gain per output channel
24 dB isolation between output channels
75 Ω input and outputs
Small package size
12-lead, 3 mm × 3 mm lead frame chip scale package
APPLICATIONS
Set-top boxes
Home gateways
CATV distribution systems
FUNCTIONAL BLOCK DIAGRAM
VIN
VO2
VO1
GND
VCC
0.01µF
IL
1µH
5V
5V
ADA4303-2
249Ω
249Ω
0.01µF
0.01µF
0.1µF
0.1µF
Figure 1.
Splitter modules
Digital cable ready (DCR) TVs
GENERAL DESCRIPTION
The ADA4303-2 is a 75 Ω, two-output active splitter for use
in applications where a lossless signal split is required. Typical
applications include multituner digital set-top boxes, cable
splitter modules, multituner/digital cable ready (DCR)
televisions, and home gateways where traditional solutions
require discrete passive splitter modules with separate fixed
gain amplifiers.
The ADA4303-2 is a low cost alternative that simplifies designs
and improves system performance by integrating a signal
splitter element and a gain block into a single IC. The ADA4303-2
is available in a 12-lead chip scale package (LFCSP_VQ) and
operates in the extended industrial temperature range of −40°C
to +85°C.
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
50
100
4000
1000
FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 2. Gain (S21) vs. Frequency


Similar Part No. - ADA4303-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4303-2ACPZ-R2 AD-ADA4303-2ACPZ-R2 Datasheet
207Kb / 12P
1:2 Single-Ended, Low Cost Active RF Splitter
5/2016-Rev. 0 to Rev. A
More results

Similar Description - ADA4303-2ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4304-2 AD-ADA4304-2 Datasheet
411Kb / 12P
1:2 Single-Ended, Low Cost, Active RF Splitter
5/07-Revision 0
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
Broadband CATV Single Ended 2-Way Active Splitter
logo
Analog Devices
ADA4303-2 AD-ADA4303-2_15 Datasheet
266Kb / 12P
Single-Ended, Low Cost Active RF Splitter
REV. 0
ADA4304-3 AD-ADA4304-3_15 Datasheet
438Kb / 12P
Single-Ended, Low Cost, Active RF Splitters
REV. 0
ADA4304-4 AD-ADA4304-4_15 Datasheet
438Kb / 12P
Single-Ended, Low Cost, Active RF Splitters
REV. 0
logo
M/A-COM Technology Solu...
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008818 MA-COM-MAAM-008818_17 Datasheet
870Kb / 7P
Broadband CATV Single Ended 2-Way Active Splitter
logo
Analog Devices
ADA4303-2 AD-ADA4303-2_16 Datasheet
207Kb / 12P
1:2 Single-Ended, Low Cost Active RF Splitter
5/2016-Rev. 0 to Rev. A
ADA4304-2 AD-ADA4304-2_16 Datasheet
297Kb / 10P
1:2 Single-Ended, Low Cost, Active RF Splitter
6/2016-Rev. 0 to Rev. A
ADA4304-3 AD-ADA4304-3 Datasheet
217Kb / 11P
1:3 and 1:4 Single-Ended, Low Cost Active RF Splitters
7/2016-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com