Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-2YCPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4850-2YCPZ-R2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2YCPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4850-2YCPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Speed, Rail-to-Rail Output,
Op Amp with Ultralow Power-Down
ADA4850-1/ADA4850-2
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow power-down current: 150 nA/amp max
Low quiescent current: 2.4 mA/amp
High speed
175 MHz −3 dB bandwidth
220 V/µs slew rate
85 ns settling time to 0.1%
Excellent video specifications
0.1 dB flatness: 14 MHz
Differential gain: 0.12%
Differential phase: 0.09°
Single-supply operation: 2.7 V to 6 V
Rail-to-rail output
Output swings to within 80 mV of either rail
Low voltage offset: 0.6 mV
APPLICATIONS
Portable multimedia players
Video cameras
Digital still cameras
Consumer video
PIN CONFIGURATIONS
1
POWER DOWN
2
NC
3
–IN
4
+IN
7 OUTPUT
8 +VS
6 NC
5 –VS
ADA4850-1
NC = NO CONNECT
Figure 1. 8-Lead, 3 mm × 3 mm LFCSP
NC = NO CONNECT
1
VOUT1
2
–IN1
3
+IN1
4
–VS
11 VOUT2
12 +VS
10 –IN2
9
+IN2
ADA4850-2
Figure 2. 16-Lead, 3 mm × 3 mm LFCSPP
GENERAL DESCRIPTION
The ADA4850-1, ADA4850-21 are low price, high speed,
voltage feedback rail-to-rail output op amps with ultralow
power-down. Despite their low price, the ADA4850-1/
ADA4850-2 provide excellent overall performance and
versatility. The 175 MHz −3 dB bandwidth and 220 V/µs
slew rate make these amplifiers well-suited for many general-
purpose, high speed applications.
The ADA4850-1/ADA4850-2 are designed to operate at supply
voltages as low as 2.7 V and up to 6 V at 2.4 mA of supply
current per amplifier. In power-down mode, the supply current
is less than 150 nA, ideal for battery-powered applications.
The ADA4850 family provides users with a true single-supply
capability, allowing input signals to extend 200 mV below the
negative rail and to within 2.2 V of the positive rail. The output
of the amplifier can swing within 80 mV of either supply rail.
With its combination of low price, excellent differential gain
(0.12%), differential phase (0.09º), and 0.1 dB flatness out to
14 MHz, these amplifiers are ideal for video applications.
The ADA4850-1/ADA4850-2 are designed to work in the
extended temperature range of −40°C to +125°C.
1
100
10
1000
FREQUENCY (MHz)
–6
–4
–5
–2
–3
0
–1
2
1
G = +1
VS = 5V
RL = 1kΩ
VOUT = 0.1V p-p
Figure 3. Small Signal Frequency Response
1 Patent pending.


Similar Part No. - ADA4850-2YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4850-2YCPZ-R2 AD-ADA4850-2YCPZ-R2 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
More results

Similar Description - ADA4850-2YCPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
10/06-Rev. A to Rev. B
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
ADA4850-1 AD-ADA4850-1_07 Datasheet
393Kb / 16P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
REV. B
logo
Micrel Semiconductor
MIC7300 MICREL-MIC7300_05 Datasheet
68Kb / 12P
High-Output Drive Rail-to-Rail Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Analog Devices
ADA4850-1 AD-ADA4850-1_16 Datasheet
365Kb / 14P
High Speed, Rail-to-Rail Output Op Amps with Ultralow Power-Down
Rev. D
ADA4853-1 AD-ADA4853-1_14 Datasheet
534Kb / 20P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
Rev. G
logo
Microchip Technology
MIC7300 MICROCHIP-MIC7300 Datasheet
678Kb / 22P
High-Output Drive Rail-to-Rail Op Amp
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com