Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4850-2YCPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4850-2YCPZ-R2
Description  High Speed, Rail-to-Rail Output, Op Amp with Ultralow Power-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4850-2YCPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4850-2YCPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4850-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4850-1/ADA4850-2
Rev. A | Page 11 of 16
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
–110
100
1M
100k
1k
10k
10M
100M
VS = 5V
+PSR
–PSR
Figure 35. Power Supply Rejection (PSR) vs. Frequency
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–40
125
TEMPERATURE (
°C)
–25
–10
5
203550
658095
110
VS = 5V
VS = 3V
Figure 36. Input Offset Voltage vs. Temperature for Various Supplies
–20
–120
1k
FREQUENCY (Hz)
–30
–40
–50
–60
–70
–80
–90
–100
–110
10k
100k
1M
10M
100M
VS = 5V
CHANNEL 1
CHANNEL 2
Figure 37. Common-Mode Rejection Ratio (CMRR) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com