Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-1AKSZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4853-1AKSZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4853-1AKSZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 10 of 16
3.75
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
G = +2
VS = 5V
RL = 150Ω
25ns/DIV
CL = 0pF, 20pF
Figure 31. Large Signal Pulse Response for Various Capacitive Loads
100ns/DIV
5.5
4.5
3.5
2.5
1.5
0.5
–0.5
OUTPUT
2× INPUT
VS =5V
G= +2
RL =150Ω
f= 1MHz
Figure 32. Output Overdrive Recovery
100ns/DIV
5.5
4.5
3.5
2.5
1.5
0.5
–0.5
VS =5V
G= +1
RL =150Ω
f= 1MHz
INPUT
OUTPUT
Figure 33. Input Overdrive Recovery
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
1000
10
100
Figure 34. Voltage Noise vs. Frequency
100
1
10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 35. Current Noise vs. Frequency
20
18
16
14
12
10
8
6
4
2
0
–4
4
3
2
1
–1
–3
0
–2
VOFFSET (mV)
VS = 5V
N = 155
x = –0.370mV
σ = 0.782
Figure 36. VOS Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com