Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-1AKSZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4853-1AKSZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-1AKSZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4853-1AKSZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 14Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 15Page - Analog Devices ADA4853-1AKSZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 16 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-203-AB
0.22
0.08
0.30
0.15
1.00
0.90
0.70
SEATING
PLANE
4
5
6
3
2
1
PIN 1
0.65 BSC
1.30 BSC
0.10 MAX
0.10 COPLANARITY
0.40
0.10
1.10
0.80
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.46
0.36
0.26
Figure 52. 6-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-6)—Dimensions shown in millimeters
4.50
4.40
4.30
14
8
7
1
6.40
BSC
PIN 1
5.10
5.00
4.90
0.65
BSC
SEATING
PLANE
0.15
0.05
0.30
0.19
1.20
MAX
1.05
1.00
0.80
0.20
0.09
8°
0°
0.75
0.60
0.45
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB-1
Figure 53. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)—Dimensions shown in millimeters
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50 REF
0.50
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
3.00
BSC SQ
*1.65
1.50 SQ
1.35
16
5
13
8
9
12
4
EXPOSED
PAD
(BOTTOM VIEW)
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2
EXCEPT FOR EXPOSED PAD DIMENSION.
Figure 54. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
3 mm × 3 mm Body, Very Thin Quad (CP-16-3)—Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Ordering
Quantity
Package
Option
Branding
ADA4853-1AKSZ-R21
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
250
KS-6
HEC
ADA4853-1AKSZ-R71
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
3,000
KS-6
HEC
ADA4853-1AKSZ-RL1
–40°C to +85°C
6-Lead Thin Shrink Small Outline Transistor Package (SC70)
10,000
KS-6
HEC
ADA4853-2YCPZ-R21
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
250
CP-16-3
H0H
ADA4853-2YCPZ-RL1
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
5,000
CP-16-3
H0H
ADA4853-2YCPZ-RL71
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
1,500
CP-16-3
H0H
ADA4853-3YCPZ-R21
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
250
CP-16-3
H0L
ADA4853-3YCPZ-RL1
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
5,000
CP-16-3
H0L
ADA4853-3YCPZ-R71
–40°C to +105°C
16-Lead Lead Frame Chip Scale Package (LFCSP_VQ)
1,500
CP-16-3
H0L
ADA4853-3YRUZ1
–40°C to +105°C
14-Lead Think Shrink Small Outline Package (TSSOP)
96
RU-14
ADA4853-3YRUZ-RL1
–40°C to +105°C
14-Lead Think Shrink Small Outline Package (TSSOP)
2,500
RU-14
ADA4853-3YRUZ-R71
–40°C to +105°C
14-Lead Think Shrink Small Outline Package (TSSOP)
1,000
RU-14
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05884-0-10/06(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com