Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4853-3YCPZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4853-3YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
5.5 V
Power Dissipation
See Figure 6
Common-Mode Input Voltage
−VS − 0.2 V to +VS − 1.2 V
Differential Input Voltage
±VS
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
6-Lead SC70
−40°C to +85°C
16-Lead LFCSP_VQ
−40°C to +105°C
14-Lead TSSOP
−40°C to +105°C
Lead Temperature
JEDEC J-STD-20
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is
specified for the device soldered in the circuit board for surface-
mount packages.
Table 4.
Package Type
θJA
Unit
6-Lead SC70
430
°C/W
16-Lead LFCSP_VQ
63
°C/W
14-Lead TSSOP
120
°C/W
Maximum Power Dissipation
The maximum safe power dissipation for the ADA4853-1/
ADA4853-2/ADA4853-3 is limited by the associated rise in
junction temperature (TJ) on the die. At approximately 150°C,
which is the glass transition temperature, the plastic changes its
properties. Even temporarily exceeding this temperature limit
can change the stresses that the package exerts on the die,
permanently shifting the parametric performance of the
amplifiers. Exceeding a junction temperature of 150°C for an
extended period can result in changes in silicon devices,
potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) for a sine wave and a
resistor load is the total power consumed from the supply
minus the load power.
PD = Total Power Consumed − Load Power
(
)
L
OUT
CURRENT
SUPPLY
VOLTAGE
SUPPLY
D
R
V
I
V
P
2
–
×
=
RMS output voltages should be considered.
Airflow increases heat dissipation, effectively reducing θJA.
In addition, more metal directly in contact with the package
leads and through holes under the device reduces θJA.
Figure 6 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the 6-lead SC70
(430°C/W), the 14-lead TSSOP (120°C/W), and the 16-lead
LFCSP_VQ (63°C/W) on a JEDEC standard 4-layer board. θJA
values are approximations.
3.0
0
125
105
85
65
45
25
5
–15
–35
–55
AMBIENT TEMPERATURE (°C)
2.5
2.0
1.5
1.0
0.5
SC70
TSSOP
LFCSP
Figure 6. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com