Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4853-3YCPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4853-3YCPZ-R7
Description  Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4853-3YCPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4853-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4853-3YCPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADA4853-1/ADA4853-2/ADA4853-3
Rev. B | Page 11 of 16
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCM (V)
VS = 5V
Figure 37. VOS vs. Common-Mode Voltage
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
POWER DOWN VOLTAGE (V)
VS =5V, T=+85°C
VS = 5V, T = +25°C
VS = 5V, T = –40°C
VS = 3V, T = –40°C
VS = 3V, T = +25°C
VS =3V, T =+85°C
Figure 38. Supply Current vs. POWER DOWN Voltage
–0.6
–0.7
–0.8
–0.9
–1.0
–50
–25
0
25
50
75
100
TEMPERATURE (°C)
VS = 5V
VS = 3V
Figure 39. Input Offset Voltage vs. Temperature
–0.50
–0.68
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
–0.52
–0.54
–0.56
–0.58
–0.60
–0.62
–0.64
–0.66
VS =5V
VS =3V
+IB
–IB
Figure 40. Input Bias Current vs. Temperature
3.0
2.8
2.6
2.4
0.6
0.4
0.2
0
1
LOAD RESISTANCE (Ω)
10
100
1k
10k
NEGATIVE SWING
VS =3V
POSITIVE SWING
LOAD RESISTANCE TIED
TO MIDSUPPLY
Figure 41. Output Voltage vs. Load Resistance
5.0
4.8
4.6
4.4
0.6
0.4
0.2
0
10
100
10k
1k
LOAD RESISTANCE (Ω)
POSITIVE SWING
VS =5V
NEGATIVE SWING
LOAD RESISTANCE TIED
TO MIDSUPPLY
Figure 42. Output Voltage vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com