Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4237B Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 75Page - Cirrus Logic CS4237B Datasheet HTML 76Page - Cirrus Logic CS4237B Datasheet HTML 77Page - Cirrus Logic CS4237B Datasheet HTML 78Page - Cirrus Logic CS4237B Datasheet HTML 79Page - Cirrus Logic CS4237B Datasheet HTML 80Page - Cirrus Logic CS4237B Datasheet HTML 81Page - Cirrus Logic CS4237B Datasheet HTML 82Page - Cirrus Logic CS4237B Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 114 page
background image
For backwards compatibility with analog-mixed
wavetable devices, I18 and I19 in the WSS logi-
cal device can be remapped to control the
volume of the Wavetable serial port. Remapping
is controlled through the WTRMD bit in X4 reg-
ister. When WTEN = 1, and WTRMD = 0,
writes to I18 and I19 are remapped to X16 and
X17 respectively. When remapping is enabled,
the LINE analog input volume is controlled
thr ough X0 /1. When WTRMD = 1, th e
Wavetable Serial Port volume is only controlled
through X16/17.
WSS CODEC SOFTWARE DESCRIPTION
The WSS Codec must be in Mode Change En-
able Mode (MCE=1) before any changes to the
Interface Configuration register (I9) or the Sam-
ple Frequency (lower four bits) in the Fs &
Playback Data Format registers (I8) are allowed.
The actual audio data formats, which are the up-
per four bits of I8 for playback and I28 for
capture, can be changed by setting MCE (R0) or
PMCE/CMCE (I16) high. The exceptions are
CEN and PEN which can be changed "on-the-
fly" via programmed I/O writes. All outstanding
DMA transfers must be completed before new
values of CEN or PEN are recognized.
Calibration
The WSS Codec has four different calibration
modes. The selected calibration occurs whenever
the Mode Change Enable (MCE, R0) bit goes
form 1 to 0.
The completion of calibration can be determined
by polling the Auto-Calibrate In-Progress bit in
the Error Status and Initialization register (ACI,
I11). This bit will be high while the calibration is
in progress and low once completed. Transfers
enabled during calibration will not begin until
the calibration cycle has completed. Since the
part always operates at 44.1 kHz internally, all
calibration times are based on 44.1 kHz sample
periods.
The Calibration procedure is as follows:
1) Place the WSS Codec in Mode Change
Enable using the MCE bit of the Index Ad-
dress register (R0).
2) Set the CAL1,0 bits in the Interface Configura-
tion register (I9).
3) Return from Mode Change Enable by reset-
ting the MCE bit of the Index Address
register (R0).
4) Wait until 80h NOT returned
5) Wait until ACI (I11) cleared to proceed
NO CALIBRATION (CAL1,0 = 00)
This is the fastest mode since no calibration is
performed. This mode is useful for games which
require the sample frequency be changed
quickly. This mode is also useful when the codec
is operating full-duplex and an ADC data format
change is desired. This is the only calibration
mode that does not affect the DACs (i.e. mute
the DACs). The No Calibration mode takes zero
sample periods.
BRESET
SDATA
LRCLK
MCLK
CS9236
MCLK5I
LRCLK
MIDI_IN
SOUT
XTAL3I
PDN
RST
MIDOUT
MIDIN
Joystick Connector
Midi Out
Midi In
100
Ω
100k
Ω
100k
Ω
Figure 13. CS9236 Wavetable Serial Port Interface
DS213PP4
CS4237B
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com