Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4237B Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4237B
Description  CrystalClear Advanced Audio System with 3D Sound
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4237B Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4237B Datasheet HTML 17Page - Cirrus Logic CS4237B Datasheet HTML 18Page - Cirrus Logic CS4237B Datasheet HTML 19Page - Cirrus Logic CS4237B Datasheet HTML 20Page - Cirrus Logic CS4237B Datasheet HTML 21Page - Cirrus Logic CS4237B Datasheet HTML 22Page - Cirrus Logic CS4237B Datasheet HTML 23Page - Cirrus Logic CS4237B Datasheet HTML 24Page - Cirrus Logic CS4237B Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
BYTE
Default
Description
155h
E
2PROM validation byte 1.
The first two bytes tell the Crystal Codec that the E
2PROM exists.
2
BBh
E
2PROM validation byte 2
3
00h
High byte for length of resource data in E
2PROM
4
DDh
Low byte for length of resource data in E
2PROM
5
00h
Alternate CDROM (Logical Device 4), ACDbase, Address length mask
6
03h
Modem (Logical Device 5), COMbase, Address length mask
7
80h
Misc. Configuration Bits: Interrupt Pin Polarities, Key Disables, VCEN, & LD4 features
8
00h
Global Configuration Bits: IFM, VCF1 and VCF0, WTEN, SPS
9
0Bh
Code Base Byte - Must be 0x0B
10*
20h
RESERVED - Must be 0x20
11*
04h
RESERVED - Must be 0x04
12*
08h
RESERVED - Must be 0x08
13*
10h
RESERVED - Must be 0x10
14*
80h
RESERVED - Must be 0x80
15*
00h
RESERVED - Must be 0x00
16*
00h
RESERVED - Must be 0x00
17
00h
External Peripheral Port I/O Decode Address Length 00 = 4 bytes,
08 = 8 bytes
08h causes XCTL0/XA2 pin to change to peripheral port address bit XA2.
18*
48h
RESERVED - Must be 0x48
19
75h
IRQ A/B Selection: Lower nibble = A, Upper nibble = B.
Along with next two bytes - specify hardware interrupts tied to IRQA-IRQF pins
20
B9h
IRQ C/D Selection: Lower nibble = C, Upper nibble = D.
21
FCh
IRQ E/F Selection: Lower nibble = E, Upper nibble = F.
22
10h
DMA A/B Selection: Lower nibble = A, Upper nibble = B.
This byte and the next byte - specify hardware DRQ/DACKs tied to the DMAA-DMAC pins
23
03h
DMA C Selection: Lower nibble = C, Upper nibble = reserved (must be 0).
NOTE:The first four bytes are exclusive to the E
2PROM and are not used in the Hostload mode.
* Currently not supported. Must be set to default values given in the table.
Table 2. Hardware Configuration Data
DS213PP4
CS4237B
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com