Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWM67D Datasheet(PDF) 12 Page - ams AG

Part # LWM67D
Description  LW M67D specified at 7mA Small size high-flux LED for slim designs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LWM67D Datasheet(HTML) 12 Page - ams AG

Back Button LWM67D Datasheet HTML 8Page - ams AG LWM67D Datasheet HTML 9Page - ams AG LWM67D Datasheet HTML 10Page - ams AG LWM67D Datasheet HTML 11Page - ams AG LWM67D Datasheet HTML 12Page - ams AG LWM67D Datasheet HTML 13Page - ams AG LWM67D Datasheet HTML 14Page - ams AG LWM67D Datasheet HTML 15Page - ams AG LWM67D Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
LW M67D specified at 7mA
DATASHEET
DATASHEET
12 | Version 1.1 | 2023-03-27
Forward current 6)
I
F = f(VF); TS = 25 °C
LW M67D specifiedat7mA
2,23,3
2,42,6
2,83,0
3,2
VF /V
0,01
2
4
6
8
10
IF /mA
Relative Luminous Intensity 6), 7)
I
v/Iv(7 mA) = f(IF); TS = 25 °C
LW M67D specifiedat7mA
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
IV
IV(7mA)
:JL0
:LK0
:MN0
Chromaticity Coordinate Shift 6)
Cx, Cy = f(I
F); TS = 25 °C
LW M67D specifiedat7mA
IF /mA
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
: ∆ Cx -JL0
: ∆ Cy -JL0
: ∆ Cx -LK0
: ∆ Cy -LK0
: ∆ Cx -MN0
: ∆ Cy -MN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com