Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWM67D Datasheet(PDF) 16 Page - ams AG

Part # LWM67D
Description  LW M67D specified at 7mA Small size high-flux LED for slim designs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LWM67D Datasheet(HTML) 16 Page - ams AG

Back Button LWM67D Datasheet HTML 12Page - ams AG LWM67D Datasheet HTML 13Page - ams AG LWM67D Datasheet HTML 14Page - ams AG LWM67D Datasheet HTML 15Page - ams AG LWM67D Datasheet HTML 16Page - ams AG LWM67D Datasheet HTML 17Page - ams AG LWM67D Datasheet HTML 18Page - ams AG LWM67D Datasheet HTML 19Page - ams AG LWM67D Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LW M67D specified at 7mA
DATASHEET
DATASHEET
16 | Version 1.1 | 2023-03-27
Recommended Solder Pad 8)
OHLPY978
Paddesign
for improved
heat dissipation
Cu-area > 16 mm
Cu-Fläche > 16 mm
Wärmeableitung
Padgeometrie
für verbesserte
Lötstopplack
Solder resist
0.8 (0.031)
2.8 (0.110)
2
2
2.8 (0.110)
0.8 (0.031)
All products are packed in a dry pack bag (Moisture Barrier Bag, MBB) according MIL-PRF-81705, after opening the MBB the
products should go to reflow soldering process. Unused remaining LEDs should be protected from environment due to silver
plated soldering terminal. In order to maintain solderability it is recommended to protect the silver plated solder terminals from
corrosive environment before soldering. For superior solder joint connectivity results we recommend soldering under standard
nitrogen atmosphere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com