Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4246R Datasheet(PDF) 1 Page - ams AG

Part # SFH4246R
Description  TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH4246R Datasheet(HTML) 1 Page - ams AG

  SFH4246R Datasheet HTML 1Page - ams AG SFH4246R Datasheet HTML 2Page - ams AG SFH4246R Datasheet HTML 3Page - ams AG SFH4246R Datasheet HTML 4Page - ams AG SFH4246R Datasheet HTML 5Page - ams AG SFH4246R Datasheet HTML 6Page - ams AG SFH4246R Datasheet HTML 7Page - ams AG SFH4246R Datasheet HTML 8Page - ams AG SFH4246R Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SFH 4246R
1 Version 1.1 | 2020-09-01
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 4246R
TOPLED® Reverse Gullwing Lens
Infrared Emitter (940 nm) - 24 °
—
Electronic Equipment
—
Gesture Recognition
—
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
Features:
—
Corrosion Robustness Class: 3B
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q102, failure
mechanism based Stress Test Qualification for Discrete Optoelectronic Semiconductors in Automotive
applications.
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Highly Efficient Infrared LED
—
Short switching times
—
Centroid wavelength 940 nm
Ordering Information
Type
Radiant intensity 1)2)
Radiant intensity 1)
Ordering Code
typ.
I
F = 100 mA; tp = 20 ms
I
F = 100 mA; tp = 20 ms
I
e
I
e
SFH 4246R
71 ... 180 mW/sr
100 mW/sr
Q65112A8834


Similar Part No. - SFH4246R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4246 OSRAM-SFH4246 Datasheet
197Kb / 9P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
More results

Similar Description - SFH4246R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
Infrared Emitter (940 nm)
SFH4841E7800 OSRAM-SFH4841E7800 Datasheet
451Kb / 12P
Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
Infrared Emitter (940 nm)
SFH4846 OSRAM-SFH4846 Datasheet
270Kb / 12P
Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
Infrared Emitter (940 nm)
SFH-4941-C OSRAM-SFH-4941-C Datasheet
233Kb / 10P
Infrared Emitter (940 nm)
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com