Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASD Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5010ASD
Description  High Voltage 1A Step Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010ASD Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM5010ASD Datasheet HTML 9Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 10Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 11Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 12Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 13Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 14Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 15Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 16Page - National Semiconductor (TI) LM5010ASD Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Applications Information (Continued)
Item
Description
Value
C1
Ceramic Capacitor
(2) 2.2 µF, 100V
C2
Ceramic Capacitor
22 µF, 16V
C3
Ceramic Capacitor
0.47 µF, 16V
C4, C6
Ceramic Capacitor
0.022 µF, 16V
C5
Ceramic Capacitor
0.1 µF, 100V
D1
Schottky Diode
100V, 6A
L1
Inductor
100 µH
R1
Resistor
1.0 k
Ω
R2
Resistor
1.0 k
Ω
R3
Resistor
1.5
Ω
R
ON
Resistor
200 k
Ω
U1
National Semi LM5010A
MINIMUM LOAD CURRENT
The LM5010A requires a minimum load current of 500 µA. If
the load current falls below that level, the bootstrap capacitor
(C4) may discharge during the long off-time, and the circuit
will either shutdown, or cycle on and off at a low frequency.
If the load current is expected to drop below 500 µA in the
application, R1 and R2 should be chosen low enough in
value so they provide the minimum required current at nomi-
nal V
OUT.
LOW OUTPUT RIPPLE CONFIGURATIONS
For applications where low output voltage ripple is required
the output can be taken directly from the low ESR output
capacitor (C2) as shown in Figure 9. However, R3 slightly
degrades the load regulation. The specific component val-
ues, and the application determine if this is suitable.
Where the circuit of Figure 9 is not suitable, the circuits of
Figure 10 or Figure 11 can be used.
20153835
FIGURE 7. Efficiency vs Load Current and V
IN
Circuit of Figure 6
20153837
FIGURE 8. Frequency vs V
IN
Circuit of Figure 6
20153815
FIGURE 9. Low Ripple Output
20153848
FIGURE 10. Low Output Ripple Using a Feedforward
Capacitor
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com