Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASDX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010ASDX
Description  High Voltage 1A Step Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010ASDX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM5010ASDX Datasheet HTML 1Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 2Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 3Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 4Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 5Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 6Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 7Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 8Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM5010A
High Voltage 1A Step Down Switching Regulator
General Description
The LM5010A Step Down Switching Regulator is an en-
hanced version of the LM5010 with the input operating range
extended to 6V minimum. The LM5010A features all the
functions needed to implement a low cost, efficient, buck
regulator capable of supplying in excess of 1A load current.
This high voltage regulator integrates an N-Channel Buck
Switch, and is available in thermally enhanced LLP-10 and
TSSOP-14EP packages. The constant on-time regulation
scheme requires no loop compensation resulting in fast load
transient response and simplified circuit implementation. The
operating frequency remains constant with line and load
variations due to the inverse relationship between the input
voltage and the on-time. The valley current limit detection is
set at 1.25A. Additional features include: VCC under-voltage
lock-out, thermal shutdown, gate drive under-voltage lock-
out, and maximum duty cycle limiter.
Features
n
Wide 6V to 75V Input Voltage Range
n
Valley Current Limiting At 1.25A
n
Programmable Switching Frequency Up To 1 MHz
n
Integrated 80V N-Channel Buck Switch
n
Integrated High Voltage Bias Regulator
n
No Loop Compensation Required
n
Ultra-Fast Transient Response
n
Nearly Constant Operating Frequency With Line and
Load Variations
n
Adjustable Output Voltage
n
2.5V, ±2% Feedback Reference
n
Programmable Soft-Start
n
Thermal shutdown
Typical Applications
n
Non-Isolated Telecommunications Regulator
n
Secondary Side Post Regulator
n
Power SUpply for Automotive Electronics
Package
n
LLP-10 (4 mmx4mm)
n
TSSOP-14EP
n
Both Packages Have Exposed Thermal Pad For
Improved Heat Dissipation
Basic Step Down Regulator
20153843
October 2005
© 2005 National Semiconductor Corporation
DS201538
www.national.com


Similar Part No. - LM5010ASDX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010ASDX TI-LM5010ASDX Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010ASDX/NOPB TI-LM5010ASDX/NOPB Datasheet
1,017Kb / 25P
High-Voltage 1-A Step-Down Switching Regulator
LM5010ASDX/NOPB TI2-LM5010ASDX/NOPB Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM5010ASDX/NOPB.A TI2-LM5010ASDX/NOPB.A Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
LM5010ASDX/NOPB.B TI2-LM5010ASDX/NOPB.B Datasheet
878Kb / 36P
LM5010A, LM5010A-Q1 High-Voltage 1-A Step-Down Switching Regulator
REVISED MAY 2016
More results

Similar Description - LM5010ASDX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
1A step down switching regulator
03-Apr-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com