Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5010ASDX Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5010ASDX
Description  High Voltage 1A Step Down Switching Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5010ASDX Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5010ASDX Datasheet HTML 6Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 7Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 8Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 9Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 10Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 11Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 12Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 13Page - National Semiconductor (TI) LM5010ASDX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Regulation Comparator
The feedback voltage at the FB pin is compared to the
voltage at the SS pin (2.5V, ±2%). In normal operation an
on-time period is initiated when the voltage at FB falls below
2.5V. The buck switch conducts for the on-time programmed
by R
ON, causing the FB voltage to rise above 2.5V. After the
on-time period the buck switch remains off until the FB
voltage falls below 2.5V. Input bias current at the FB pin is
less than 5 nA over temperature.
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.9V
reference. If the voltage at FB rises above 2.9V the on-time
is immediately terminated. This condition can occur if the
input voltage, or the output load, changes suddenly. The
buck switch remains off until the voltage at FB falls below
2.5V.
ON-Time Control
The on-time of the internal buck switch is determined by the
R
ON resistor and the input voltage (VIN), and is calculated as
follows:
(5)
The R
ON resistor can be determined from the desired on-
time by re-arranging Equation 5 to the following:
(6)
To set a specific continuous conduction mode switching
frequency (Fs), the R
ON resistor is determined from the
following:
(7)
In high frequency applications the minimum value for t
ON is
limited by the maximum duty cycle required for regulation
and the minimum off-time of the LM5010A (260 ns, ±15%).
The fixed off-time limits the maximum duty cycle achievable
with a low voltage at VIN. The minimum allowed on-time to
regulate the desired V
OUT at the minimum VIN is determined
from the following:
(8)
Shutdown
The LM5010A can be remotely shut down by forcing the
RON/SD pin below 0.7V with a switch or open drain device.
See Figure 3. In the shutdown mode the SS pin is internally
grounded, the on-time one-shot is disabled, the input current
at VIN is reduced, and the V
CC bypass switch is turned off.
The V
CC regulator is not disabled in the shutdown mode.
Releasing the RON/SD pin allows normal operation to re-
sume. The nominal voltage at RON/SD is shown in the
Typical Performance Characteristics. When switching the
RON/SD pin, the transition time should be faster than one to
two cycles of the regulator’s nominal switching frequency.
Current Limit
Current limit detection occurs during the off-time by monitor-
ing the recirculating current through the internal current
sense resistor (R
SENSE). The detection threshold is 1.25A,
±0.25A. Referring to the Block Diagram, if the current into
SGND during the off-time exceeds the threshold level the
current limit comparator delays the start of the next on-time
period. The next on-time starts when the current into SGND
is below the threshold and the voltage at FB is below 2.5V.
Figure 4 illustrates the inductor current waveform during
normal operation and during current limit. The output current
I
O is the average of the inductor ripple current waveform.
The Low Load Current waveform illustrates continuous con-
duction mode operation with peak and valley inductor cur-
rents below the current limit threshold. When the load cur-
rent is increased (High Load Current), the ripple waveform
maintains the same amplitude and frequency since the cur-
rent falls below the current limit threshold at the valley of the
ripple waveform. Note the average current in the High Load
Current portion of Figure 4 is above the current limit thresh-
old. Since the current reduces below the threshold in the
normal off-time each cycle, the start of each on-time is not
delayed, and the circuit’s output voltage is regulated at the
correct value. When the load current is further increased
such that the lower peak would be above the threshold, the
off-time is lengthened to allow the current to decrease to the
threshold before the next on-time begins (Current Limited
portion of Figure 4). Both V
OUT and the switching frequency
are reduced as the circuit operates in a constant current
20153818
FIGURE 3. Shutdown Implementation
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com