Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8220080 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 8220080
Description  Mounting Plate, for enclosures
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

8220080 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  8220080 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MPX 10080
Sample image
Order symbol : MPX 10080
Product nr : 8220080
Description : Mounting Plate, for enclosures:
Remarks : 1035x835x300
EAN : 6418074050663
El. number :
• Denmark : 8212018950
Dimensions :
Height
Width
Depth
mm :
1000
800
1
inch :
39.37
31.5
0.04
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 26.07.2023)


Similar Part No. - 8220080

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
logo
List of Unclassifed Man...
8220-0023 ETC1-8220-0023 Datasheet
12Mb / 97P
Wireless 8 Channel Analog Input Sensor Node
I
logo
Ulti-Mate Connector Inc
822031120 ULTI-MATE-822031120 Datasheet
44Kb / 1P
Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
12-23-14
822031130 ULTI-MATE-822031130 Datasheet
45Kb / 1P
Nano Circular Wired 7 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 36 Inches Wire Length Plastic Shell 125 Max Temp No QPL
04-12-19
822041120 ULTI-MATE-822041120 Datasheet
48Kb / 1P
Nano Circular Wired 19 Socket No Hardware 30 AWG Stranded w/ Teflon insulation (NEMA HP3-ET) 10 Repeating Colors 18 Inches Wire Length Plastic Shell 125 Max Temp No QPL
03-06-19
More results

Similar Description - 8220080

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
9511007 FIBOX-9511007 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9511016 FIBOX-9511016 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9511021 FIBOX-9511021 Datasheet
36Kb / 1P
Mounting plate, for enclosures
9512009 FIBOX-9512009 Datasheet
51Kb / 1P
Mounting plate, for enclosures
13.01.2023
9512012 FIBOX-9512012 Datasheet
42Kb / 1P
Mounting plate, for enclosures:
13.01.2023
3770550 FIBOX-3770550 Datasheet
42Kb / 1P
Mounting plate, for enclosures
11.01.2023
4712117 FIBOX-4712117 Datasheet
50Kb / 1P
Mounting plate, for enclosures
11.01.2023
4712118 FIBOX-4712118 Datasheet
39Kb / 1P
Mounting plate, for enclosures
11.01.2023
7720033 FIBOX-7720033 Datasheet
49Kb / 2P
Mounting plate, for enclosures:
19.01.2023
7720071 FIBOX-7720071 Datasheet
50Kb / 2P
Mounting plate, for enclosures
19.01.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com