Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C52BA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C52BA
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C52BA Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C52BA Datasheet HTML 1Page - NXP Semiconductors P89C52BA Datasheet HTML 2Page - NXP Semiconductors P89C52BA Datasheet HTML 3Page - NXP Semiconductors P89C52BA Datasheet HTML 4Page - NXP Semiconductors P89C52BA Datasheet HTML 5Page - NXP Semiconductors P89C52BA Datasheet HTML 6Page - NXP Semiconductors P89C52BA Datasheet HTML 7Page - NXP Semiconductors P89C52BA Datasheet HTML 8Page - NXP Semiconductors P89C52BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Philips Semiconductors
Product data
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
2
2002 Jan 15
853–2148 27548
DESCRIPTION
The 89C51/89C52/89C54/89C58 contain a non-volatile FLASH
program memory that is parallel programmable. For devices that are
serial programmable (In-System Programmable (ISP) and
In-Application Programmable (IAP) with a boot loader), see the
89C51Rx2 or 89C66x datasheets.
All three families are Single-Chip 8-bit Microcontrollers
manufactured in advanced CMOS process and are derivatives of
the 80C51 microcontroller family. All the devices have the same
instruction set as the 80C51.
SELECTION TABLE FOR FLASH DEVICES
MTP devices
(this data sheet)
ISP/IAP devices
(see separate data sheets)
89C51
89C52/54/58
89C51Rx2
89C66x
ROM/EPROM memory size
4K
8K/16K/32K
16K–64K
16K–64K
RAM size (byte)
128
256
512–1K
512–8K
Parallel programming
yes
yes
yes
yes
In-System Programming (ISP)
no
no
yes
yes
In-Application Programming (IAP)
no
no
yes
yes
PWM
no
no
yes
yes
Programmable Timer/Counter (PCA)
no
no
yes
yes
Hardware Watchdog Timer
no
no
yes
yes
Serial Channels
UART
UART
UART
UART + I2C
MTP = Multi-Time Programming (via parallel programmer)
ISP = In-System Programming (via serial interface)
IAP = In-Application Programming
Please note that the FLASH programming algorithm for these parts has been modified. Please see the Device Comparison table for details.
DEVICE COMPARISON TABLE
Item
Old devices
New devices
Reason for change
Type description
P89C5xUBxx / P89C5xUFxx
P89C5xBx
Letter U dropped for shorter type
descriptions (formerly designated
speed (0–33 MHz))
Programming algorithm
When using parallel programmer,
be sure to select P89C5xUxxx
devices
When using a parallel program-
mer, be sure to select P89C5xBx
devices (no more letter U). IF
DEVICES ARE NOT YET SE-
LECTABLE, ASK YOUR VEN-
DOR FOR A SOFTWARE UP-
DATE.
Programming algorithm modifica-
tion required by process change!
Quad Flat Package type
PQFP package (P89C5xUxBB)
PQFP package replaced by
LQFP package (P89C5xBBD).
SEE NEW DIMENSIONS AT
THE END OF THIS DATA
SHEET.
Reduction in package height
Package identifiers
PLCC = AA
PQFP = BB
PDIP = PN
PLCC = A
LQFP = BD
PDIP = P
Shorter type descriptions
Flash memory program and
erase cycles
100 program and erase cycles
10,000 program and erase
cycles
Process change allows more pro-
gram and erase cycles
Power consumption
Active mode: ICC(MAX)=
(0.9
FREQ. + 20)mA
Idle mode: ICC(MAX) =
(0.37
FREQ. + 1.0)mA
Active mode: ICC(MAX)=
(0.55
FREQ. + 8.0)mA
Idle mode: ICC(MAX) =
(0.3
FREQ. + 2.0)mA
Process change allows lower
power consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com