Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C52BA Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89C52BA
Description  80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C52BA Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89C52BA Datasheet HTML 25Page - NXP Semiconductors P89C52BA Datasheet HTML 26Page - NXP Semiconductors P89C52BA Datasheet HTML 27Page - NXP Semiconductors P89C52BA Datasheet HTML 28Page - NXP Semiconductors P89C52BA Datasheet HTML 29Page - NXP Semiconductors P89C52BA Datasheet HTML 30Page - NXP Semiconductors P89C52BA Datasheet HTML 31Page - NXP Semiconductors P89C52BA Datasheet HTML 32Page - NXP Semiconductors P89C52BA Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Philips Semiconductors
Product data
89C51/89C52/89C54/89C58
80C51 8-bit microcontroller family
4K/8K/16K/32K Flash
2002 Jan 15
29
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5 V ±10%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
33MHz CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
18
Oscillator frequency
Speed versions
3.5
33
3.5
33
MHz
tLHLL
18
ALE pulse width
2tCLCL–40
21
ns
tAVLL
18
Address valid to ALE low
tCLCL–25
5
ns
tLLAX
18
Address hold after ALE low
tCLCL–25
5
ns
tLLIV
18
ALE low to valid instruction in
4tCLCL–65
55
ns
tLLPL
18
ALE low to PSEN low
tCLCL–25
5
ns
tPLPH
18
PSEN pulse width
3tCLCL–45
45
ns
tPLIV
18
PSEN low to valid instruction in
3tCLCL–60
30
ns
tPXIX
18
Input instruction hold after PSEN
0
0
ns
tPXIZ
18
Input instruction float after PSEN
tCLCL–25
5
ns
tAVIV
18
Address to valid instruction in
5tCLCL–80
70
ns
tPLAZ
18
PSEN low to address float
10
10
ns
Data Memory
tRLRH
19, 20
RD pulse width
6tCLCL–100
82
ns
tWLWH
19, 20
WR pulse width
6tCLCL–100
82
ns
tRLDV
19, 20
RD low to valid data in
5tCLCL–90
60
ns
tRHDX
19, 20
Data hold after RD
0
0
ns
tRHDZ
19, 20
Data float after RD
2tCLCL–28
32
ns
tLLDV
19, 20
ALE low to valid data in
8tCLCL–150
90
ns
tAVDV
19, 20
Address to valid data in
9tCLCL–165
105
ns
tLLWL
19, 20
ALE low to RD or WR low
3tCLCL–50
3tCLCL+50
40
140
ns
tAVWL
19, 20
Address valid to WR low or RD low
4tCLCL–75
45
ns
tQVWX
19, 20
Data valid to WR transition
tCLCL–30
0
ns
tWHQX
19, 20
Data hold after WR
tCLCL–25
5
ns
tQVWH
20
Data valid to WR high
7tCLCL–130
80
ns
tRLAZ
19, 20
RD low to address float
0
0
ns
tWHLH
19, 20
RD or WR high to ALE high
tCLCL–25
tCLCL+25
5
55
ns
External Clock
tCHCX
22
High time
17
tCLCL–tCLCX
ns
tCLCX
22
Low time
17
tCLCL–tCHCX
ns
tCLCH
22
Rise time
5
ns
tCHCL
22
Fall time
5
ns
Shift Register
tXLXL
21
Serial port clock cycle time
12tCLCL
360
ns
tQVXH
21
Output data setup to clock rising edge
10tCLCL–133
167
ns
tXHQX
21
Output data hold after clock rising edge
2tCLCL–80
50
ns
tXHDX
21
Input data hold after clock rising edge
0
0
ns
tXHDV
21
Clock rising edge to input data valid
10tCLCL–133
167
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to Port 0 drivers.
4. Parts are guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com