Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-5247TF-K Datasheet(PDF) 1 Page - CUI Devices

Part # CMP-5247TF-K
Description  ELECTRET CONDENSER MICROPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMP-5247TF-K Datasheet(HTML) 1 Page - CUI Devices

  CMP-5247TF-K Datasheet HTML 1Page - CUI Devices CMP-5247TF-K Datasheet HTML 2Page - CUI Devices CMP-5247TF-K Datasheet HTML 3Page - CUI Devices CMP-5247TF-K Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CMP-5247TF-K | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
cuidevices.com
FEATURES
• noise cancelling
• 9.7 mm diameter
• solder pads
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
directivity
noise cancelling
sensitivity (S)
f = 1 kHz, 1 Pa, 0 dB = 1 V/Pa
-50
-47
-44
dB
standard operating voltage (Vs)
1.5
Vdc
max operating voltage
10
Vdc
output impedance (Zout)
f = 1 kHz, 1 Pa
680
Ω
sensitivity reduction (∆S-Vs)
f = 1 kHz, 1 Pa, Vs = 1.5 ~ 1.0 Vdc
-3
dB
frequency (f)
100
20,000
Hz
current consumption (IDSS)
Vs = 1.5 Vdc, RL = 680 Ω
0.5
mA
signal to noise ratio (S/N)
f = 1 kHz, 1 Pa, A-weighted
58
dBA
dimensions
Ø9.7 x 5.2
mm
material
aluminum
terminal
solder pads
weight
0.75
g
operating temperature
-20
70
°C
storage temperature
-20
70
°C
RoHS
yes
Notes:
1. We use the “Pascal (Pa)” indication of sensitivity as per the recomendation of I.E.C. (International Electrotechnical Commission). The sensitivity of “Pa” will increase
20 dB compared to the “ubar” indication. Example: -60 dB (0 dB = 1 V/ubar) = -40 dB ( 1V/Pa)
2. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 2 ± 0.5 seconds
310
320
330
°C
Additional Resources: Product Page | 3D Model


Similar Part No. - CMP-5247TF-K

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMP-5247TF-K CUI-CMP-5247TF-K Datasheet
374Kb / 4P
electret condenser microphone
More results

Similar Description - CMP-5247TF-K

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
CMC-2242PBL-A CUI-CMC-2242PBL-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-2742PBJ-A CUI-CMC-2742PBJ-A Datasheet
961Kb / 4P
electret condenser microphone
CMR-2747PB-A CUI-CMR-2747PB-A Datasheet
1Mb / 4P
electret condenser microphone
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
ELECTRET CONDENSER MICROPHONE
logo
Soberton Inc.
EM-6022P SOBERTON-EM-6022P Datasheet
428Kb / 5P
Electret Condenser Microphone
EM6027S SOBERTON-EM6027S Datasheet
399Kb / 5P
Electret Condenser Microphone
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com