Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP-5247TF-K Datasheet(PDF) 3 Page - CUI Devices

Part # CMP-5247TF-K
Description  ELECTRET CONDENSER MICROPHONE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CMP-5247TF-K Datasheet(HTML) 3 Page - CUI Devices

  CMP-5247TF-K Datasheet HTML 1Page - CUI Devices CMP-5247TF-K Datasheet HTML 2Page - CUI Devices CMP-5247TF-K Datasheet HTML 3Page - CUI Devices CMP-5247TF-K Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CUI DEVICES | MODEL: CMP-5247TF-K | DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 08/05/2022 | page 3 of 4
cuidevices.com
PACKAGING
units: mm
Inner Box Size: 100 x 100 x 18 mm
Outer Box Size: 425 x 265 x 110 mm
Inner Box QTY: 100 pcs per box
Outer Box QTY: 10,000 pcs per box
Lot No.
Model No.
Quantity.
Pcs
Date:
G
XXXXXXXXXX
XXXXXXXXXX
XXXX
DD MM YY
MADE IN CHINA
* The label sticked on inner boxes
and the outer of carton.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com