Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0201B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS0201B
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS0201B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS0201B Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FS02...N
Jun - 02
SURFACE MOUNT SCR
PACKAGE MECHANICAL DATA SOT223 (Plastic)
A
B
C
D
E
F
G
H
I
J
K
REF.
DIMENSIONS
Milimeters
Min.
Typ.
Max.
Weight: 0.11 g
FOOT PRINT
6.30
6.70
3.30
-
-
2.95
0.65
1.50
0.50
-
0.25
6.50
7.00
3.50
4.60
2.30
3.00
0.70
1.60
0.60
0.02
0.30
6.70
7.30
3.70
-
-
3.15
0.85
1.70
0.70
0.05
0.35
3.3
1.5
1.5
(3x) 1
2.3
4.6
6.4
G
F
A
16º max. (4x)
H
D
E
I
B
C
J
10º max.
K
Fig. 8: On-state characteristics (maximum
values).
100
10
1
0.1
ITSM(A). I2t (A2s)
Fig. 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp
≤ 10 ms, and corresponding value of I2t.
100
10
1
ITM(A)
1
10
0
0.5 1 1.5
2 2.5 3 3.5 4 4.5
Tj max
Tj initial
25 ºC
Tj max
Vto = 1.05 V
Rt = 0.150
Ω
VTM(V)
Tj initial = 25 ºC
tp(ms)
I2 t
ITSM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com