Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS0201B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS0201B
Description  SURFACE MOUNT SCR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS0201B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS0201B Datasheet HTML 1Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 2Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 3Page - List of Unclassifed Manufacturers FS0201B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
On-State Current
1.25 Amp
FS02...N
SURFACE MOUNT SCR
These series of Silicon Controlled
R ectifier use a high performance
PNPN technology.
These parts are intended for general
purpose applications where high gate
sensitivity is required using surface mount
technology.
Absolute Maximum Ratings, according to IEC publication No. 134
On-state Current*
Average On-state Current*
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Reverse Gate Voltage
Peak Gate Current
Peak Gate Dissipation
Gate Dissipation
Operating Temperature
Storage Temperature
Soldering Temperature
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
SOT223
(Plastic)
Gate Trigger Current
< 200 µA
Off-State Voltage
200 V ÷ 800 V
SYMBOL
IT(AV)
ITSM
ITSM
I2t
VGRM
IGM
PGM
PG(AV)
Tj
Tstg
Tsld
Half Cycle,
Θ = 180 º, T
tab = 95 ºC
Half Cycle,
Θ = 180 º, T
tab = 95 ºC
Half Cycle, 60 Hz, Tj = 25 ºC
Half Cycle, 50 Hz, Tj = 25 ºC
tp = 10ms, Half Cycle
IGR = 10 µA, Tj = 25 ºC
20 µs max.
20 µs max.
20 ms max.
10s max.
1.25
0.8
25
22.5
2.5
8
-40
-40
A
A
A
A
A2s
V
A
W
W
ºC
ºC
ºC
1.2
3
0.2
+125
+150
260
* with 5 cm2 copper (e= 35
µm) surface under tab.
Jun - 02
Repetitive Peak Off State
Voltage
PARAMETER
CONDITIONS
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
RGK = 1 K
Ω
B
200
V
D
400
M
600
N
800


Similar Part No. - FS0201B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
FS0203 UTC-FS0203 Datasheet
228Kb / 4P
SURFACE MOUNT SCR
FS0203G-2-AA3-R UTC-FS0203G-2-AA3-R Datasheet
228Kb / 4P
SURFACE MOUNT SCR
FS0203G-4-AA3-R UTC-FS0203G-4-AA3-R Datasheet
228Kb / 4P
SURFACE MOUNT SCR
FS0203G-8-AA3-R UTC-FS0203G-8-AA3-R Datasheet
228Kb / 4P
SURFACE MOUNT SCR
FS0203L-2-AA3-R UTC-FS0203L-2-AA3-R Datasheet
228Kb / 4P
SURFACE MOUNT SCR
More results

Similar Description - FS0201B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS04D ETC-FS04D Datasheet
164Kb / 5P
SURFACE MOUNT SCR
FS0802 ETC-FS0802 Datasheet
136Kb / 4P
SURFACE MOUNT SCR
logo
Unisonic Technologies
FS0203 UTC-FS0203 Datasheet
228Kb / 4P
SURFACE MOUNT SCR
logo
Vishay Siliconix
VS-25TTS08SPBF VISHAY-VS-25TTS08SPBF_15 Datasheet
181Kb / 8P
Thyristor, Surface Mount, Phase Control SCR
25-Jul-13
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
Thyristor Surface Mount Phase Control SCR
19-Jun-13
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com