Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS04D Datasheet (PDF) - List of Unclassifed Manufacturers

FS04D Datasheet PDF - List of Unclassifed Manufacturers
Part # FS04D
Download  FS04D Download
File Size   164.19 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCR

FS04D Datasheet (PDF)

Go To PDF Page Download Datasheet
FS04D Datasheet PDF - List of Unclassifed Manufacturers

Part # FS04D
Download  FS04D Click to download

File Size   164.19 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SURFACE MOUNT SCR

FS04D Datasheet (HTML) - List of Unclassifed Manufacturers


FS04D Product details

[FAGOR]

These series of Silicon Controlled Rectifier use a high performance PNPN technology.

These parts are intended for general purpose applications where high gate sensitivity is required using surface mount technology.



• On-State Current 4 Amp

• Gate Trigger Current < 200 µA

• Off-State Voltage 200 V ÷ 600 V



 




Similar Part No. - FS04D

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FS0-DHAN3 FSP-FS0-DHAN3 Datasheet
4Mb / 3P
50W ~ 65W 12V Adapter
2018.12 spec
logo
List of Unclassifed Man...
FS0090C1 ETC1-FS0090C1 Datasheet
222Kb / 1P
WLL IF Filter(90 MHz)
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
FS0101BA ETC2-FS0101BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
More results


Similar Description - FS04D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS0802 ETC-FS0802 Datasheet
136Kb / 4P
SURFACE MOUNT SCR
FS02 ETC1-FS02 Datasheet
123Kb / 4P
SURFACE MOUNT SCR
logo
Unisonic Technologies
FS0203 UTC-FS0203 Datasheet
228Kb / 4P
SURFACE MOUNT SCR
logo
Vishay Siliconix
VS-25TTS08SPBF VISHAY-VS-25TTS08SPBF_15 Datasheet
181Kb / 8P
Thyristor, Surface Mount, Phase Control SCR
25-Jul-13
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
Thyristor Surface Mount Phase Control SCR
19-Jun-13
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com