Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS04D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FS04D
Description  SURFACE MOUNT SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS04D Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FS04D Datasheet HTML 1Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 2Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 3Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 4Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
On-State Current
4 Amp
FS04...D
SURFACE MOUNT SCR
These series of Silicon Controlled
Rectifier use a high performance
PNPN technology.
These parts are intended for general
purpose applications where high gate
sensitivity is required using surface
mount technology.
Jun - 02
Absolute Maximum Ratings, according to IEC publication No. 134
On-state Current
Average On-State Current
Non-repetitive On-State Current
Non-repetitive On-State Current
Fusing Current
Peak Reverse Gate Voltage
Peak Gate Current
Peak Gate Dissipation
Gate Dissipation
Operating Temperature
Storage Temperature
Soldering Temperature
IT(RMS)
PARAMETER
CONDITIONS
Min.
Max.
Unit
DPAK
(Plastic)
Gate Trigger Current
< 200 µA
Off-State Voltage
200 V ÷ 600 V
SYMBOL
IT(AV)
ITSM
I2t
VGRM
IGM
PG(AV)
Tj
Tstg
Tsld
180º Conduction Angle, TC = 115 ºC
Half Cycle,
Θ=180º, TC = 115 ºC
Half Cycle, 60 Hz
Half Cycle, 50 Hz
t = 10 ms, Half Cycle
IGR = 10µA
20 µs max.
20 µs max.
20 ms max.
10s max
4
2.5
33
30
4.5
8
-40
-40
A
A
A
A
A2s
V
A
W
W
ºC
ºC
ºC
1.2
3
0.2
+125
+150
260
Repetitive Peak Off State
Voltage
PARAMETER
CONDITIONS
VOLTAGE
Unit
SYMBOL
VDRM
VRRM
RGK = 1 K
Ω
B
200
V
D
400
ITSM
PGM
K
A
G
A
M
600


Similar Part No. - FS04D

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FS0-DHAN3 FSP-FS0-DHAN3 Datasheet
4Mb / 3P
50W ~ 65W 12V Adapter
2018.12 spec
logo
List of Unclassifed Man...
FS0090C1 ETC1-FS0090C1 Datasheet
222Kb / 1P
WLL IF Filter(90 MHz)
logo
Honeywell Solid State E...
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
FS01 HONEYWELL-FS01 Datasheet
132Kb / 4P
Pressure Sensors FS01/FS03 Force Sensors
logo
List of Unclassifed Man...
FS0101BA ETC2-FS0101BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
More results

Similar Description - FS04D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS0802 ETC-FS0802 Datasheet
136Kb / 4P
SURFACE MOUNT SCR
FS02 ETC1-FS02 Datasheet
123Kb / 4P
SURFACE MOUNT SCR
logo
Unisonic Technologies
FS0203 UTC-FS0203 Datasheet
228Kb / 4P
SURFACE MOUNT SCR
logo
Vishay Siliconix
VS-25TTS08SPBF VISHAY-VS-25TTS08SPBF_15 Datasheet
181Kb / 8P
Thyristor, Surface Mount, Phase Control SCR
25-Jul-13
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
Thyristor Surface Mount Phase Control SCR
19-Jun-13
logo
Central Semiconductor C...
CS89M CENTRAL-CS89M Datasheet
290Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
CS223M CENTRAL-CS223M Datasheet
370Kb / 2P
SURFACE MOUNT 0.8 AMP SILICON SCR
logo
Vishay Siliconix
VS-12TTS08SLHM3 VISHAY-VS-12TTS08SLHM3 Datasheet
192Kb / 8P
Thyristor Surface Mount, Phase Control SCR, 8 A
22-Feb-18
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
Thyristor, Surface Mount, Phase Control SCR, 16 A
22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
Thyristor Surface Mount, Phase Control SCR
22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com