Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS04D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS04D
Description  SURFACE MOUNT SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FS04D Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS04D Datasheet HTML 1Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 2Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 3Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 4Page - List of Unclassifed Manufacturers FS04D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S(cm)
Fig. 9: Thermal resistance junction to ambient versus
copper surface under tab (Epoxy printed circuit
board FR4, copper thickness: 35µm).
100
80
60
40
20
0
I th(j-a) (ºC/W)
0
2
8 10
4
6
12
14
16 18
20
t(s)
Fig. 10: Typical reflow soldering heat profile, either
for mounting on FR4 or metal-backed boards.
250
200
150
100
50
0
T(ºC)
0 40
160 200
80 120
240 280 320 360
215ºC
245ºC
Epoxy FR4
board
Metal-backed
board
1
10
100
1000
Fig. 6: Non repetitive surge peak on-state
current versus number of cycles.
35
30
25
20
15
10
5
0
I TSM (A)
Number of cycles
Tj initial = 25 ºC
F= 50Hz
Jun - 02
FS04...D
SURFACE MOUNT SCR
tp(ms)
ITSM(A). I2t (A2s)
Fig. 7: Non repetitive surge peak on-state
current for a sinusoidal pulse with width:
tp <10 ms, and corresponding value of I2t.
100
10
1
1
10
Tj initial = 25 ºC
ITSM
2
5
Fig. 8: On-state characteristics (maximum
values).
50.0
10.0
ITM(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
VTM(V)
1.0
0.1
Tj max
Vto = 0.85 V
Rd =90m
Ω
Tj=Tj max
Tj25 ºC
I2 t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com