Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU6000F0 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LU6000F0
Description  16-Bit Single-Chip Microcomputers (With Built-In Flash Memory)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LU6000F0 Datasheet(HTML) 1 Page - Sharp Corporation

  LU6000F0 Datasheet HTML 1Page - Sharp Corporation LU6000F0 Datasheet HTML 2Page - Sharp Corporation LU6000F0 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The LU6000F0/F1 are single-chip 16-bit micro-
computers, flash memory versions of SM6000
series. LU6000F0 is packaged in 100-pin QFP and
LU6000F1 in 100-pin LQFP (0.5 mm pin-pitch).
The LU6000F0/F1
,
s internal flash memory is user
programmable : it can be programmed using a
PROM writer, through the serial interface (UART)
(on-board writing), or by copying data stored in a
PROM by using the copy board designed for this
purpose.
LU6000F0/F1 are compatible with SM6000 series
which contains ROM instead of flash memory.
LU6000F0/F1 can be programmed to operate as
ROM version. Once the program has been
imported into the ROM, the user can run the
program without having to verify it.
FEATURES
• Flash memory capacity : 126 976 x 8 bits
• RAM capacity : 3 584 x 8 bits
• External memory expansion function :
On chip bus controller for external memory
• Bus multiplexing/nonmultiplexing selection
• Bus width selection
• Auto wait control
• CPU :
• General purpose registers : 16-bit x 16
• 62
basic
instructions
(bit
manipulation
instructions suitable for controlling, bit transfer
instructions, bit branch instructions, high speed
multiplication and division instructions (16 bits
x 16 bits, 16 bits ÷ 16 bits, 32 bits ÷ 16 bits))
• 10 addressing modes
• 16 M bytes of address space
• An interrupt request starts a high performance
automatic data transfer (DTS). Appropriate
settings of interrupts and registers enable
hardware automatic data transfer. Various
functions can be operated successively and
the resultant data can also successively be
stored.
• System clock cycle :
0.133 µs (MIN.) (VDD = 4.5 to 5.5 V, at 30 MHz
main clock cycle)
0.2 µs (MIN.)(VDD = 2.7 to 3.6 V, at 20 MHz
main clock, single chip mode)
Selectable system clocks divided by 2 up to 16
main clocks for low power operation.
• Built-in main clock oscillator for system clock
• Interrupts : Total 27, software interrupts
• 24 maskable interrupts (external 4, internal 20)
• 3 nonmaskable interrupts
A nonmaskable interrupt, when used in
conjunction with BST instruction, can trigger
the software reset.
• Standby function : Halt mode/Stop mode
• I/O ports x 88/specific purpose function pin x 3 :
• Input ports x 8 (also serve as A/D input)
• I/O ports x 80 (also serve as function pins)
• Specific purpose function pin x 3 (D/A output
pin x 2, bus mode selection pin x 1)
• Timer : 16-bit multifunction timers x 6
• 5-stage capture + 2-stage compare type x 1
• 1-stage compare type x 2
• 2-stage capture type (or capture + compare) x 2
• 2-stage compare, PWM output type x 1
• Watchdog timer (overrun detect timer) : 8 bits x 1
• Serial interfaces :
• Selectable universal asynchronous receiver
transmitter (UART) / serial I/O interface (SIO) x 2
• Serial I/O interface (SIO) x 1
• A/D converter :
Resolution
10 bits
Channel
8
Auto start by triggering with timer output
• D/A converter : 8-bit x 2
• High precision PWM outputs : 14-bit x 2
• Real time outputs : 4-bit x 2
LU6000F0/LU6000F1
LU6000F0/LU6000F1
16-Bit Single-Chip Microcomputers
(With Built-In Flash Memory)
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.


Similar Part No. - LU6000F0

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LU600Z SEOUL-LU600Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LU6000F0

ManufacturerPart #DatasheetDescription
logo
NEC
UPD78P324 NEC-UPD78P324 Datasheet
545Kb / 80P
16-/8-Bit Single-Chip Microcomputers
logo
Sharp Corporation
LU8500F0 SHARP-LU8500F0 Datasheet
427Kb / 10P
8-bit Single-chip Microcomputer with built-in Flash Memory
SM6004 SHARP-SM6004 Datasheet
36Kb / 3P
16-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
4-BIT SINGLE CHIP MICROCOMPUTERS
GMS81004 HYNIX-GMS81004 Datasheet
1Mb / 101P
8-BIT SINGLE CHIP MICROCOMPUTERS
logo
Mitsubishi Electric Sem...
M37753FFCFP MITSUBISHI-M37753FFCFP Datasheet
525Kb / 67P
SINGLE CHIP 16 BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Mitsubishi Electric Sem...
M37920FCCGP MITSUBISHI-M37920FCCGP Datasheet
1Mb / 158P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
M37754FFCGP MITSUBISHI-M37754FFCGP Datasheet
605Kb / 68P
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER FLASH MEMORY VERSION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com