Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU6000F0 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LU6000F0
Description  16-Bit Single-Chip Microcomputers (With Built-In Flash Memory)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LU6000F0 Datasheet(HTML) 2 Page - Sharp Corporation

  LU6000F0 Datasheet HTML 1Page - Sharp Corporation LU6000F0 Datasheet HTML 2Page - Sharp Corporation LU6000F0 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
- 2 -
• Debug function :
Program execusion breaks can be made on
arbitrary program memory address.
• Supply voltages :
4.5 to 5.5 V (main clock at 30 MHz)
2.7 to 3.6 V (main clock at 20 MHz, single chip
mode)
• Packages :
100-pin LQFP (LQFP100-P-1414)(LU6000F1)
100-pin QFP (QFP100-P-1420)(LU6000F0)
NOTES :
• Refer to the SM6000 series concerning about system/
functional information of LU6000F0/F1.
• Electrical characteristics are partly changed from SM6000
series.
FLASH MEMORY FEATURES
• Writing method
Using instruction : in the same way as used for
SHARP 8 M bits flash mem-
ory LH28F008SA
Auto byte write : through the command user
interface CUI
VPP : 12 V (external)
• Erasing method
Auto block erase by CUI
• Block configuration
8 blocks (1 block by 12 k bytes, 7 blocks by
16 k bytes)
Each block can be cleared independently.
• Reliability
Write/erase cycles : 100
• 3 writing modes
PROM mode
Program can be stored/erased by using general
purpose PROM writer.
Serial mode (on-board mode)
Data can be read/written/erased from PC.
Copy mode
When the dedicated copy board is used, data
stored in PROM can be copied into the internal
flash memory.
To write data into the internal flash memory,
special adapter and board are required.
LU6000F0/LU6000F1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com