Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC273D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC273D
Description  Octal D-type flip-flop with reset; positive-edge trigger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC273D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC273D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC273D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 — 6 September 2021
Product data sheet
1. General description
The 74HC273; 74HCT273 is an octal positive-edge triggered D-type flip-flop. The device
features clock (CP) and master reset (MR) inputs. The outputs Qn will assume the state of their
corresponding Dn inputs that meet the set-up and hold time requirements on the LOW-to-HIGH
clock (CP) transition. A LOW on MR forces the outputs LOW independently of clock and data
inputs. Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC273: CMOS level
• For 74HCT273: TTL level
• Common clock and master reset
• Eight positive edge-triggered D-type flip-flops
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC273D
74HCT273D
-40 °C to +125 °C
SO20
plastic small outline package; 20 leads; body width 7.5 mm SOT163-1
74HC273PW
74HCT273PW
-40 °C to +125 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HC273BQ
74HCT273BQ
-40 °C to +125 °C
DHVQFN20 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 20 terminals;
body 2.5 × 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74HC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC273D PHILIPS-74HC273D Datasheet
58Kb / 8P
Octal D-type flip-flop with reset; positive-edge trigger
September 1993
74HC273D NXP-74HC273D Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Toshiba Semiconductor
74HC273D TOSHIBA-74HC273D Datasheet
207Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
NXP Semiconductors
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
74HC273D-Q100 NXP-74HC273D-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
More results

Similar Description - 74HC273D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
74HC273D-653 NXP-74HC273D-653 Datasheet
153Kb / 21P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 4-10 June 2013
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com