Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP236PA Datasheet(PDF) 10 Page - Texas Instruments

Part # TP236PA
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP236PA Datasheet(HTML) 10 Page - Texas Instruments

Back Button TP236PA Datasheet HTML 6Page - Texas Instruments TP236PA Datasheet HTML 7Page - Texas Instruments TP236PA Datasheet HTML 8Page - Texas Instruments TP236PA Datasheet HTML 9Page - Texas Instruments TP236PA Datasheet HTML 10Page - Texas Instruments TP236PA Datasheet HTML 11Page - Texas Instruments TP236PA Datasheet HTML 12Page - Texas Instruments TP236PA Datasheet HTML 13Page - Texas Instruments TP236PA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, ADB (see Note 1)
SUB to SUB + 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, ODB
SUB to SUB + 21 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range for ABG, IAG1, IAG2, SAG, SRG
0 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–10
°C to 45°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 30
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range
– 10
°C to 55°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to substrate terminal.
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage for amplifier drain bias, ADB
21
22
23
V
Supply voltage for overflow drain antiblooming bias ODB
Standard
17
18
19
V
Supply voltage for overflow-drain antiblooming bias, ODB
For clearing
27
28
29
V
Substrate bias voltage
10
V
IAG1 IAG2
High level
11.5
12
12.5
IAG1, IAG2
Low level
0
Input voltage VI
SAG
High level
11.5
12
12.5
V
Input voltage, VI
SAG
Low level
0
V
SRG
High level
11.5
12
12.5
SRG
Low level
0
IAG1, IAG2
25
Clock frequency, fclock
SAG
25
MHz
SRG, RST
12.5
Capacitive load
OUT1, OUT2
6
pF
Operating free-air temperature, TA
–10
45
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com