Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP236PA Datasheet(PDF) 3 Page - Texas Instruments

Part # TP236PA
Description  680-횞500-PIXEL CCD IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP236PA Datasheet(HTML) 3 Page - Texas Instruments

  TP236PA Datasheet HTML 1Page - Texas Instruments TP236PA Datasheet HTML 2Page - Texas Instruments TP236PA Datasheet HTML 3Page - Texas Instruments TP236PA Datasheet HTML 4Page - Texas Instruments TP236PA Datasheet HTML 5Page - Texas Instruments TP236PA Datasheet HTML 6Page - Texas Instruments TP236PA Datasheet HTML 7Page - Texas Instruments TP236PA Datasheet HTML 8Page - Texas Instruments TP236PA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TC236
680-
× 500-PIXEL CCD IMAGE SENSOR
SOCS043A – JUNE 1994 – REVISED NOVEMBER 1994
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ADB
4
I
Supply voltage for amplifier-drain bias
IAG1
12
I
Image-area gate 1
IAG2
3
I
Image-area gate 2
ODB
2
I
Supply voltage for overflow-drain antiblooming bias
OUT1
6
O
Output signal 1
OUT2
5
O
Output signal 2
RST
7
I
Reset gate
SAG
10, 11
I
Storage-area gate
SRG
8
I
Serial-register gate
SUB
1, 9
Substrate
detailed description
The TC236 consists of four basic functional blocks: the image-sensing area, the image-storage area, the serial
register gates, and the low-noise signal processing amplifier block with charge-detection nodes and
independent resets. The location of each of these blocks is identified in the functional block diagram.
image-sensing and storage areas
Figure 1 and Figure 2 show top views of the image-sensing and storage-area elements. As light enters the
silicon in the image-sensing area, free electrons are generated in both wells and collected in the virtual wells
of the sensing elements. The color sensitivity is obtained by manufacturing a mosaic color filter directly onto the
photosites of the image-sensing area (see Figure 3 for a mapping of the filter topology). Blooming protection
is provided by applying a dc bias to the overflow-drain bias pin. If it is necessary to clear the image before
beginning a new integration time (for implementation of electronic fixed shutter or electronic auto-iris), it is
possible to do so by applying a pulse at least 1
µs in duration to the overflow-drain bias. After integration is
complete, the charge is transferred into the storage area; the transfer timing is dependent on whether the
readout mode is interlace or progressive scan. If the progressive-scan readout mode is selected, the readout
may be performed normally with one register or high speed by using both registers (see Figure 4 through
Figure 6 for the interlace and progressive-scan readout modes).
There are 22 columns at the left edge of the image-sensing area that are shielded from incident light; these
elements provide the dark reference used in subsequent video-processing circuits to restore the video black
level. There are also four dark lines between the image-sensing and the image-storage area that prevent charge
leakage from the image-sensing area into the image-storage area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com