Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9904BPD Datasheet(PDF) 1 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 1 Page - Sames

  PM9904BPD Datasheet HTML 1Page - Sames PM9904BPD Datasheet HTML 2Page - Sames PM9904BPD Datasheet HTML 3Page - Sames PM9904BPD Datasheet HTML 4Page - Sames PM9904BPD Datasheet HTML 5Page - Sames PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FEATURES
+ Designed to be used together with accompanying
software as fully functional three phase trivector meter.
+
Better than class 1 operation.
+
+
Two on-board LED’s for active and reactive pulse output.
+
3 Phase 4 wire configuration.
On board power supply.
sames
sames
PM9904BPD
SK1
Power
Supply
SA9904A
Resistor
Network
VDD
GND
VSS
CT1
CT2
CT3
LCD
DISPLAY
GND
Resistor
Network
Resistor
Network
SA8807A
JP1
Test Pins
F50
VDD
JP2
JP3
Test Pins
VDD
PCVDD
VSS
PCVSS
J12
PCVDD
JP4
SK3
PCVSS
PCVSS
PCVSS
+
On-board LCD display.
+
On-board current transformers.
+
Isolated connection to PC parallel port.
+
Easy accessible test pins.
+
Micro-controller plug-in support
DESCRIPTION
This application note describes the PM9904BPD evaluation
board and together with the SA9904B data sheet provides a
complete evaluation platform. The SA9904B is an accurate bi-
directional power / energy measurement IC with serial (SPI)
interface measuring active as well as reactive power / energy,
RMS voltage and frequency. More detailed information
specific to the of SA9904B can be found in its datasheet.
The PM9904BPD module is designed for a three-phase four-
wire applications, referenced to neutral. The mains voltages
easily connect to module by way of a Molex connector (SK1).
The 3 on-board current transformers measures the current in
each phase. A simple capacitive power supply supplies the
energy metering IC with power. The LM431 regulators are
used to generate a 5 V supply voltage for the on-board opto-
couplers. Provision has been made to connect an external 5V
power supply to drive the isolated opto-coupler.
The SA9904B forms the energy/power metering front-end of
the module and connects to the SPI bus. Sharing the SPI bus
is the SA8807A LCD driver which is capable of driving 96
segments on a 4 back plane LCD.
The PM9904BPD evaluation board
is configured and
calibrated via the parallel port of a PC. The data interface
between the evaluation board and the PC is fully isolated.
The PM9904BPD module can easily be connected to a micro-
controller. The SAMES micro-controller board connects to the
evaluation module by means of JP1 thereby creating a
complete power meter without the PC interface. Physically the
micro-controller board plugs into the evaluation module with its
opto-coupler facing the mains connector (SK1). It shares the
SPI bus with the SA8807A onboard LCD controller.
Evaluation Board for the SA9904B Energy
Metering IC
1/22
Figure 1: Block diagram
SPEC-0448 (REV. 6)
19-06-02


Similar Part No. - PM9904BPD

ManufacturerPart #DatasheetDescription
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
More results

Similar Description - PM9904BPD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7756EB AD-EVAL-ADE7756EB Datasheet
3Mb / 15P
Evaluation Board Documentation AD7756 Energy metering IC
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
Energy Metering IC
Rev. Sp0
logo
Sames
PM2005FPD SAMES-PM2005FPD Datasheet
184Kb / 12P
Evaluation Board for the SA2005F Energy
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
Energy Metering IC
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
Evaluation Board for the SA9903B Energy
logo
Analog Devices
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
Energy Metering IC with Autocalibration
2/2018-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com