Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM9904BPD Datasheet(PDF) 3 Page - Sames

Part # PM9904BPD
Description  Evaluation Board for the SA9904B Energy Metering IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

PM9904BPD Datasheet(HTML) 3 Page - Sames

  PM9904BPD Datasheet HTML 1Page - Sames PM9904BPD Datasheet HTML 2Page - Sames PM9904BPD Datasheet HTML 3Page - Sames PM9904BPD Datasheet HTML 4Page - Sames PM9904BPD Datasheet HTML 5Page - Sames PM9904BPD Datasheet HTML 6Page - Sames PM9904BPD Datasheet HTML 7Page - Sames PM9904BPD Datasheet HTML 8Page - Sames PM9904BPD Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
sames
sames
Figure 3: PM9904AP setup and connection
PM9904BPD
CONNECTOR DESCRIPTION
Jumper
Description
SK1
SK2
SK3
JP1
Connects the three phase 4 wire supply to the
module.
Female BD25pin connects the evaluation board to
the PC parallel port by a 1 to 1 cable. The module
is isolated from the PC by the opto-couplers.
5V supply to U7 opto coupler
This header strip can be used for measuring the
I/O pins of the SA9904B and SA8807. Note that
this connector is on the same potential as the
SA9904B. Provision is made for VDD and VSS
so that a board with a micro controller can be
easily fitted without any additional wiring. Signals
available on this connector are:
Pin number
1
2
3
4
5
6
7
8
Signal SA9904 (U1) SA8807 (U2)
VDD
VSS
F50
SCK
CS
MISO
MOSI
CE
Pin 6
Pin 14
Pin 7
Pin 8
Pin 13
Pin 9
Pin 12
NC
Pin 13
Pin 26
NC
Pin 18
NC
Pin 20
Pin 19
Pin 21
MISO - Master In Slave Out
MOSI - Master Out Slave In
SETTING UP THE PM9904AP MODULE
Figure 3 below shows a typical setup for the PM9904BPD
evaluation module. The three phase voltages are connected
directly to SK1 and each corresponding phase current is wired
through the on-board CT’s. An external power supply can be
connected to SK3 should the PC’s parallel port not be able to
source enough current for the module's opto-couplers.
Figure 3 also shows the default jumper settings. The
PM9904BPD evaluation module is setup by default for 3x
230V/80A operation. For 3x 115V operation jumpers J1, J2
and J3 need to be closed. Also capacitors C12, C13, and C14
values must be changed to 1uF / 150 VAC.
When these hardware settings have been verified the user has
the choice of using the micro-controller board or a PC to
evaluate the SA9904B further. Please note when using the PC
the micro-controller board should be unplugged to prevent a
bus contention on the SPI bus, since the PC and micro-
controller would be attempting to drive the bus simultaneously.
Micro-controller board
Once the board has been plugged into the evaluation module
no further action is required, just apply power.
PC
After removing the micro-controller board the evaluation board
can connected to the PC’s parallel port using a 1 to 1 parallel
cable (not supplied). Once the evaluation board has been
connected to the PC and powered up, the supplied software
can be launched. Refer to the next section for the software
installation and setup details.
http://www.sames.co.za
Load
SK1
N
PH1
PH2
PH3
CT3
CT2
CT1
5V
To PC
Parallel port
SK2
J4
VDD
J5
VSS
J7
J6
GND
J3
J2
J1
J8
J9
J10
J11
J12
PB/F150
JP1
JP4
Supp Sel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com