Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902W Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2902W
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2902W Datasheet HTML 2Page - STMicroelectronics LM2902W Datasheet HTML 3Page - STMicroelectronics LM2902W Datasheet HTML 4Page - STMicroelectronics LM2902W Datasheet HTML 5Page - STMicroelectronics LM2902W Datasheet HTML 6Page - STMicroelectronics LM2902W Datasheet HTML 7Page - STMicroelectronics LM2902W Datasheet HTML 8Page - STMicroelectronics LM2902W Datasheet HTML 9Page - STMicroelectronics LM2902W Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM2902W
6/10
TYPICAL SINGLE - SUPPLY APPLICATIONS
AC COUPLED INVERTING AMPLIFIER
AC COUPLED NON-INVERTING AMPLIFIER
NON-INVERTING DC GAIN
0
10
20
30
POSITIVE SUPPLY VOLTAGE (V)
100
75
50
25
amb
T
= +25°C
01020
30
POSITIVE SUPPLY VOLTAGE (V)
160
120
80
40
L
R= 20k
Ω
L
R= 2k
Ω
-55-35-15 5 25 45 65 85 105 125
AMBIENT TEMPERATURE (°C)
120
115
110
105
100
90
95
85
80
75
POWER SUPPLY & COMMON MODE
REJECTION RATIO
(dB)
70
SVR
CMR
-55-35-15 5 25 45 65 85 105 125
AMBIENT TEMPERATURE (°C)
120
115
110
105
100
LARGE SIGNAL VOLTAGE GAIN
Avd (dB)
1/4
LM2902
~
0
2VPP
R
10k
Ω
L
Co
eo
R
6.2k
Ω
B
R
100k
Ω
f
R1
10k
Ω
CI
eI
VCC
R2
100k
Ω
C1
10µF
R3
100k
Ω
A= -
R
R1
V
f
(as shown A
= -10)
V
1/4
LM2902
~
0
2VPP
R
10k
Ω
L
Co
eo
R
6.2k
Ω
B
C1
0.1µF
eI
VCC
(as shown A
= 11)
V
A= 1 + R2
R1
V
R1
100k
Ω
R2
1M
Ω
CI
R3
1M
Ω
R4
100k
Ω
R5
100k
Ω
C2
10µF
R1
10k
Ω
R2
1M
Ω
1/4
LM2902
10k
Ω
e I
e
O
+5V
(mV)
0
AV=1+
R2
R1
(As shown
= 101)
A
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com