Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902W Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2902W
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902W Datasheet(HTML) 5 Page - STMicroelectronics

  LM2902W Datasheet HTML 1Page - STMicroelectronics LM2902W Datasheet HTML 2Page - STMicroelectronics LM2902W Datasheet HTML 3Page - STMicroelectronics LM2902W Datasheet HTML 4Page - STMicroelectronics LM2902W Datasheet HTML 5Page - STMicroelectronics LM2902W Datasheet HTML 6Page - STMicroelectronics LM2902W Datasheet HTML 7Page - STMicroelectronics LM2902W Datasheet HTML 8Page - STMicroelectronics LM2902W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM2902W
5/10
-55-35-15 5 25 45 65 85 105 125
AMBIENT TEMPERATURE (°C)
1.35
1.30
1.25
1.2
1.15
1.05
1.1
1
-95
-9
GAIN BANDWIDTH PRODUCT
GBP (mhz)
COMMON MODE REJECTION RATIO
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1K
10K
100K
1M
100 Ω
100k
Ω
+7.5V
-
+
e I
100k
Ω
100 Ω
+7.5V
e O
OPEN LOOP FREQUENCY RESPONSE (NOTE 3)
1.0
10
100
1k
10k
100k
1M
10M
VCC = +10 to + 15V &
FREQUENCY (Hz)
10M Ω
VI
VCC/2
VCC = 30V &
0.1µF
VCC
VO
-
+
-55°C
Tamb
+125°C
140
120
100
80
60
40
20
0
-55°C
Tamb
+125°C
LARGE SIGNAL FREQUENCY RESPONSE
FREQUENCY (Hz)
1k
10k
100k
1M
+7V
2k Ω
1k Ω
100k Ω
+15V
VO
-
+
VI
20
15
10
5
0
VOLAGE FOLLOWER PULSE RESPONSE
010
20
30
40
TIME (
µ s)
RL
2 k
Ω
VCC = +15V
4
3
2
1
0
3
2
1
OUTPUT CHARACTERISTICS
OUTPUT SINK CURRENT (mA)
0,001
0,01
0,1
1
10
100
VCC = +5V
VCC = +15V
VCC = +30V
-
IO
VO
Tamb = +25°C
vcc/2
vcc
+
10
1
0.1
0.01
VOLTAGE FOLLOWER PULSSE RESPONSE
(SMALL SIGNAL)
0
12345
678
Input
Tamb =+25°C
VCC =30V
Output
eO
el
50pF
+
-
TIME (
µs)
500
450
400
350
300
250
OUTPUT CHARACTERISTICS
0,01
0,1
1
10
100
0,001
Independent of VCC
Tamb = +25°C
+
-
VCC
VO
IO
VCC /2
OUTPUT SOURCE CURRENT (mA)
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com