Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2903HD
Description  LOW POWER DUAL VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903HD Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903HD Datasheet HTML 1Page - STMicroelectronics LM2903HD Datasheet HTML 2Page - STMicroelectronics LM2903HD Datasheet HTML 3Page - STMicroelectronics LM2903HD Datasheet HTML 4Page - STMicroelectronics LM2903HD Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
s WIDE SINGLE SUPPLY VOLTAGE RANGE
OR DUAL SUPPLIES +2V TO +36V OR ±1V
TO ±18V
s VERY LOW SUPPLY CURRENT (0.4mA)
INDEPENDENT OF SUPPLY VOLTAGE
(1mW/comparator at +5V)
s LOW INPUT BIAS CURRENT: 25nA TYP
s LOW INPUT OFFSET CURRENT: ±5nA TYP
s INPUT COMMON-MODE VOLTAGE RANGE
INCLUDES GROUND
s LOW OUTPUT SATURATION VOLTAGE:
250mV TYP. (IO = 4mA)
s DIFFERENTIAL INPUT VOLTAGE RANGE
EQUAL TO THE SUPPLY VOLTAGE
s TTL, DTL, ECL, MOS, CMOS COMPATIBLE
OUTPUTS
DESCRIPTION
This device consists of two independent low
power voltage comparators designed specifically
to operate from a single supply over a wide range
of voltages. Operation from split power supplies is
also possible.
These
comparators
also
have
a
unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature
Range
Package
Wafer
SO8
JLM2903H- E6D1
-40°C, +150°C
•
LM2903HD
-40°C, +150°C
•
D
SO-8
(Plastic Micropackage)
Wafer form
1
2
3
4
5
6
7
8
-
+
-
+
LM2903H
LOW POWER DUAL VOLTAGE COMPARATORS
.
September 2003


Similar Part No. - LM2903HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903HD STMICROELECTRONICS-LM2903HD Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
LM2903HDT STMICROELECTRONICS-LM2903HDT Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results

Similar Description - LM2903HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
Low power dual voltage comparators
19-Feb-2008
LM2903H STMICROELECTRONICS-LM2903H_08 Datasheet
131Kb / 9P
Low power dual voltage comparators
27-Mar-2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com