Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903HD Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2903HD
Description  LOW POWER DUAL VOLTAGE COMPARATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903HD Datasheet(HTML) 3 Page - STMicroelectronics

  LM2903HD Datasheet HTML 1Page - STMicroelectronics LM2903HD Datasheet HTML 2Page - STMicroelectronics LM2903HD Datasheet HTML 3Page - STMicroelectronics LM2903HD Datasheet HTML 4Page - STMicroelectronics LM2903HD Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LM2903H
3/5
OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, V
cc
- = GND, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage
2 to 36
V
Toper
Operating Free-Air Temperature Range
-40 to +150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIO
Input Offset Voltage 1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
1.
At output switch point, VO ≈ 1.4V, RS = 0Ω with VCC
+ from 5V to 30V, and over the full input common-mode range (0V to V
CC
+ –1.5V).
17
15
mV
IIO
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
550
150
nA
IIB
Input Bias Current 2)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the
output, so no loading charge exists on the reference of input lines
25
250
400
nA
AVD
Large Signal Voltage Gain (Vcc = 15V,RL=15kΩ, Vo=1 to 11V)
25
200
V/mV
ICC
Supply Current (all comparators)
VCC = 5V, no load
VCC = 30V, no load
0.4
1
1
2.5
mA
VICM
Input Common Mode Voltage Range (Vcc= 30V)
3)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go to +30V without damage.
0
0
VCC
+-1.5
VCC
+-2
V
VID
Differential Input Voltage 4)
4.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the common-mode range, the
comparator will provide a proper output state.
The low input voltage state must not be less than –0.3V (or 0.3V below the negative power supply, if used)
VCC
+
V
VOL
Low Level Output Voltage (Vid = -1V, Isink = 4mA)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
250
400
800
mV
IOH
High Level Output Current (VCC =Vo =30V, Vid = 1V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
ISINK
Output Sink Current (Vid = -1V,Vo = 1.5V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
6
2
16
m
Α
tRE
Small Signal Response Time 5) (RL = 5.1kΩ to VCC
+)
5.
The response time specified is for a 100mV input step with 5mV overdrive.
1.3
µs
tREL
Large Signal Response Time 6)
TTL Input (Vref = +1.4 V, RL=5.1kΩ to VCC
+)
Output Signal at 50% of final value
Output Signal at 95% of final value
6.
Maximum values are guaranteed by design & evaluation.
500
1
ns
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com