Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
WM8985
Pre-Production
w
PP, Rev 3.4, October 2006
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
PLLPRESCALE
0
0 = MCLK input not divided (default)
1 = Divide MCLK by 2 before input
to PLL
R36 (24h)
PLL N value
3:0
PLLN
1000
Integer (N) part of PLL input/output
frequency ratio. Use values greater
than 5 and less than 13.
R37 (25h)
PLL K value
1
5:0
PLLK [23:18]
0Ch
R38 (26h)
PLL K Value
2
8:0
PLLK [17:9]
093h
R39 (27h)
PLL K Value
3
8:0
PLLK [8:0]
0E9h
Fractional (K) part of PLL1
input/output frequency ratio (treat as
one 24-digit binary number).
Table 47 PLL Frequency Ratio Control
The PLL performs best when f2 is around 90MHz. Its stability peaks at N=8. Some example settings
are shown in 48.
K REGISTERS
MCLK
(MHz)
(f1)
DESIRED
OUTPUT
(SYSCLK)
(MHz)
f2
(MHz)
R
N
K
N
REGISTER
R36[3:0]
R37
R38
R39
12
11.29
90.3168
1
2
7.5264
7h
86C226h
XX7h
021h
161h
026h
12
12.288
98.304
1
2
8.192
8h
3126E8h
XX8h
00Ch
093h
0E8h
13
11.29
90.3168
1
2 6.947446
6h
F28BD4h
XX6h
03Ch
145h
1D4h
13
12.288
98.304
1
2 7.561846
7h
8FD525h
XX7h
023h
1EAh
125h
14.4
11.29
90.3168
1
2
6.272
6h
45A1CAh
XX6h
011h
0D0h
1CAh
14.4
12.288
98.304
1
2 6.826667
6h
D3A06Eh
XX6h
034h
1D0h
06Eh
19.2
11.29
90.3168
2
2
9.408
9h
6872AFh
XX9h
01Ah
039h
0AFh
19.2
12.288
98.304
2
2
10.24
Ah
3D70A3h
XXAh
00Fh
0B8h
0A3h
19.68
11.29
90.3168
2
2 9.178537
9h
2DB492h
XX9h
00Bh
0DAh
092h
19.68
12.288
98.304
2
2 9.990243
9h
FD809Fh
XX9h
03Fh
0C0h
09Fh
19.8
11.29
90.3168
2
2 9.122909
9h
1F76F7h
XX9h
007h
1BBh
0F7h
19.8
12.288
98.304
2
2 9.929697
9h
EE009Eh
XX9h
03Bh
100h
09Eh
24
11.29
90.3168
2
2
7.5264
7h
86C226h
XX7h
021h
161h
026h
24
12.288
98.304
2
2
8.192
8h
3126E8h
XX8h
00Ch
093h
0E8h
26
11.29
90.3168
2
2 6.947446
6h
F28BD4h
XX6h
03Ch
145h
1D4h
26
12.288
98.304
2
2 7.561846
7h
8FD525h
XX7h
023h
1EAh
125h
27
11.29
90.3168
2
2 6.690133
6h
B0AC93h
XX6h
02Ch
056h
093h
27
12.288
98.304
2
2 7.281778
7h
482296h
XX7h
012h
011h
096h
Table 48 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com