Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC With Class D Headphone and Line Out
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8985GEFL/R Datasheet HTML 1Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 2Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
w
WM8985
Multimedia CODEC With Class D Headphone and Line Out
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, October 2006, Rev 3.4
Copyright
©2006 Wolfson Microelectronics plc
DESCRIPTION
The WM8985 is a low power, high quality, feature-rich stereo
codec designed for portable multimedia applications that require
low power consumption and high quality audio.
The device integrates preamps for stereo differential mics, and
includes class D and class AB drivers for headphone and
differential
or
stereo
line
output.
External
component
requirements are reduced as no separate microphone or
headphone amplifiers are required.
Advanced DSP features include a 5-band equaliser, an
ALC/limiter for the microphone or line input through the ADC
and a digital playback limiter. Additional digital filtering options
are available in the ADC path, to cater for application filtering
such as ‘wind noise reduction’ and a programmable notch filter.
Highly flexible mixers enable many new application features,
with the option to record and playback any combination of voice,
line inputs and digital audio such as FM Radio or MP3.
The WM8985 digital audio interface can operate in master or
slave mode, while an integrated PLL provides flexible clocking
schemes.
The WM8985 operates at analogue supply voltages from 2.5V
to 3.3V, although the digital core can operate at voltages down
to 1.71V to save power. Additional power management control
enables individual sections of the chip to be powered down
under software control.
FEATURES
Stereo Codec:
•
DAC SNR 98dB, THD -86dB (‘A’ weighted @ 48kHz)
•
ADC SNR 92.5dB, THD -75dB (‘A’ weighted @ 48kHz)
•
Headphone driver with ‘capless’ option
• 40mW/channel output power into 16Ω / 3.3V AVDD2
• Class D headphone driver
• Class AB headphone / line Driver
• PSRR 70dB at 217Hz
•
Stereo, mono or differential line output
Mic Preamps:
•
Stereo differential or mono microphone interfaces
•
Programmable preamp gain
•
Pseudo differential inputs with common mode rejection
•
Programmable ALC / Noise Gate in ADC path
•
Low-noise bias supplied for electret microphones
Other Features:
•
Enhanced 3-D function for improved stereo separation
•
Digital playback limiter
•
5-band Equaliser (record or playback)
•
Programmable ADC High Pass Filter (wind noise reduction)
•
Programmable ADC Notch Filter
•
Aux inputs for stereo analog input signals or ‘beep’
•
PLL supporting various clocks between 8MHz-50MHz
•
Sample rates supported (kHz): 8, 11.025, 16, 12, 16, 22.05,
24, 32, 44.1, 48
•
Low power, low voltage
•
2.5V to 3.6V analogue supplies
•
1.71V to 3.6V digital supplies
•
5x5mm 32-lead QFN package
APPLICATIONS
•
Portable audio player / FM radio
•
Multimedia Mobile Handsets


Similar Part No. - WM8985GEFL/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8985GEFL/R WOLFSON-WM8985GEFL/R Datasheet
1Mb / 118P
Multimedia CODEC With Class D Headphone and Line Out
WM8985GEFL/R WOLFSON-WM8985GEFL/R Datasheet
1Mb / 121P
Multimedia CODEC with Class D Headphone and Line Out
More results

Similar Description - WM8985GEFL/R

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8985 WOLFSON-WM8985_07 Datasheet
1Mb / 118P
Multimedia CODEC With Class D Headphone and Line Out
WM8986 WOLFSON-WM8986_07 Datasheet
1Mb / 87P
Multimedia DAC With Class D Headphone and Line Out
WM8991 WOLFSON-WM8991 Datasheet
2Mb / 174P
Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
WM8985 WOLFSON-WM8985_09 Datasheet
1Mb / 121P
Multimedia CODEC with Class D Headphone and Line Out
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_14 Datasheet
986Kb / 62P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
TLV320AIC3263 TI1-TLV320AIC3263_16 Datasheet
1Mb / 63P
Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Class-D Speaker Amplifier
logo
Cirrus Logic
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com