Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5376 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 17Page - Cirrus Logic CDB5376 Datasheet HTML 18Page - Cirrus Logic CDB5376 Datasheet HTML 19Page - Cirrus Logic CDB5376 Datasheet HTML 20Page - Cirrus Logic CDB5376 Datasheet HTML 21Page - Cirrus Logic CDB5376 Datasheet HTML 22Page - Cirrus Logic CDB5376 Datasheet HTML 23Page - Cirrus Logic CDB5376 Datasheet HTML 24Page - Cirrus Logic CDB5376 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
CDB5376
DS612DB2
21
2.3
Digital Hardware
2.3.1
Digital Filter
The CS5376A quad digital filter performs filtering and decimation of four delta-sigma bit streams from the
CS5372 modulators. It also creates a delta-sigma bit stream output to create analog test signals in the
CS4373A test DAC.
The CS5376A requires several control signal inputs from the external system.
Configuration is completed through the SPI 1 port.
Data is collected through the SD port.
Control Signals
Description
RESETz
Reset input, active low
BOOT
Microcontroller / EEPROM boot mode select
TIMEB
Time Break input, rising edge triggered
CLK
Master clock input, 32.768 MHz
SYNC
Master synchronization input, rising edge triggered
SPI1 Signals
Description
SSIz
Serial chip select input, active low
SCK1
Serial clock input
MISO
Master in / slave out serial data
MOSI
Master out / slave in serial data
SINTz
Serial acknowledge output, active low
SSOz
Serial chip select output (unused on CDB5376)
SD Port Signals
Description
SDTKI
Token input to initiate an SD port transaction
SDRDYz
Data ready acknowledge, active low
SDCLK
Serial clock input
SDDAT
Serial data output
SDTKO
Token output (unused on CDB5376)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com