Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB5376 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB5376
Description  Multichannel Seismic Evaluation System
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5376 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB5376 Datasheet HTML 35Page - Cirrus Logic CDB5376 Datasheet HTML 36Page - Cirrus Logic CDB5376 Datasheet HTML 37Page - Cirrus Logic CDB5376 Datasheet HTML 38Page - Cirrus Logic CDB5376 Datasheet HTML 39Page - Cirrus Logic CDB5376 Datasheet HTML 40Page - Cirrus Logic CDB5376 Datasheet HTML 41Page - Cirrus Logic CDB5376 Datasheet HTML 42Page - Cirrus Logic CDB5376 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
CDB5376
DS612DB2
39
3.3.1
USB Port
The USB Port sub-panel sets up the USB communication interface between the PC and the target board.
Control
Description
Open Target
Open USB communication to the target board and read the board name and micro-
controller firmware version. When communication is established, the name of this
control changes to ‘Close Target’ and Setup, Analysis and Control panel access
becomes available in the menu bar.
Close Target
Disconnects the previously established USB connection. On disconnection, this con-
trol changes to ‘Open Target’ and the Setup, Analysis and Control panel access
becomes unavailable in the menu bar. The evaluation software constantly monitors
the USB connection status and automatically disconnects if the target board is turned
off or the USB cable is unplugged.
Board Name
Displays the type of target board currently connected.
MCU code version
Displays the version number of the microcontroller code on the connected target
board.
Reset Target
Sends a software reset command to the target board.
Flash MCU
Programs the microcontroller code on the target board using the .thx file found in the
“C:\Program Files\Cirrus Seismic Evaluation” directory. This feature permits repro-
gramming of the microcontroller (without using a hardware programmer) when a new
version of the MCU code becomes available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com