Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61584A Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB61584A
Description  Dual Line Interface Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61584A Datasheet(HTML) 2 Page - Cirrus Logic

  CDB61584A Datasheet HTML 1Page - Cirrus Logic CDB61584A Datasheet HTML 2Page - Cirrus Logic CDB61584A Datasheet HTML 3Page - Cirrus Logic CDB61584A Datasheet HTML 4Page - Cirrus Logic CDB61584A Datasheet HTML 5Page - Cirrus Logic CDB61584A Datasheet HTML 6Page - Cirrus Logic CDB61584A Datasheet HTML 7Page - Cirrus Logic CDB61584A Datasheet HTML 8Page - Cirrus Logic CDB61584A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
52
DS261DB2
CDB61584A
Dual Line Interface Unit
POWER SUPPLY
As shown on the evaluation board schematic in
Figures 1-5, power is supplied to the board from an
external +5 Volt supply connected to the two bind-
ing posts labeled V+ and GND. Zener diode Z1
protects the components on the board from re-
versed supply connections and over-voltage dam-
age.
Capacitor
C16
provides
power
supply
decoupling and ferrite bead L1 helps isolate the
CS61584A and buffer supplies. Both sides of the
evaluation board contain extensive areas of ground
plane to insure optimum performance.
Capacitors C3, C5-C8, C13, C18, and C38 provide
power supply decoupling for the CS61584A. The
BGREF pin is pulled down through resistor R10 to
provide an internal current reference. The buffers
are decoupled using capacitors C9, C15, and C19.
Ferrite beads L2-L4 help reduce the power supply
noise that is coupled from the buffers to the power
supply.
BOARD CONFIGURATION
Slide switch SW6 selects hardware or host mode
operation. Hardware mode is selected when switch
SW6 is in the "HW" position and sets the MODE
pin of the CS61584A to a logic 0. Host mode is se-
lected when switch SW6 is in the "SW" position
and sets the MODE pin of the CS61584A to a
logic 1.
Hardware Mode
In Hardware mode operation, the evaluation board
is configured using DIP switches SW2, SW3, and
SW4. In this mode, the switches establish the digi-
tal control inputs for both line interface channels.
Closing a DIP switch towards the label sets the
CS61584A control pin of the same name to a logic
1. The host processor interface J26 should not be
used in the Hardware mode.
The CDB61584A switches and functions are listed
below:
-
TAOS1, TAOS2: transmit all ones;
-
LLOOP: local loopback of both channels;
-
RLOOP1,2: remote loopback 1,2;
-
PD1, PD2: power down;
-
ATTEN0, ATTEN1: jitter attenuator selection;
-
CLKE: RCLK edge polarity;
-
1XCLK: clock frequency selection;
-
CONx1, CONx2: line configuration settings.
All switch inputs are pulled-down using resistor
networks RP2-RP5.
The LOS1 and LOS2 LED indicators illuminate
when the line interface receiver has detected a loss
of signal. Headers J7 and J13 must be jumpered in
the "TNEG" position to provide connectivity to the
BNC input in Hardware mode.
Host Mode
In Host mode operation, the evaluation board sup-
ports serial-port operation over interface port J26
using the printer port of a host PC equipped with
the enclosed software. The evaluation board is con-
nected to the host PC using the ribbon cable provid-
ed. The SW2 switch position labeled "ATTEN0"
must be open to set the P/S pin of the CS61584A to
a logic 0 and enable serial-port operation.
An external microprocessor may also interface to
the evaluation board for the purposes of system
software development. The CS61584A interrupt
pin is connected to pin 23 of interface port J26 to
facilitate software development. The SW2 switch
position labeled "CLKE/IPOL" establishes the po-
larity of the interrupt pin. If an active low interrupt
is selected (IPOL low), the interrupt pin must be
pulled-up through resistor R55 by placing a jumper
on header J24. The SW2 switch position labeled
"RLOOP1" must be in the open position for proper
operation of the interrupt.
The LOS1 and LOS2 LED indicators illuminate
when the line interface receiver has detected a loss
of signal. If coder mode is enabled in the
CS61584A register set, the AIS alarm condition is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com