Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB61584A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB61584A
Description  Dual Line Interface Unit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB61584A Datasheet(HTML) 1 Page - Cirrus Logic

  CDB61584A Datasheet HTML 1Page - Cirrus Logic CDB61584A Datasheet HTML 2Page - Cirrus Logic CDB61584A Datasheet HTML 3Page - Cirrus Logic CDB61584A Datasheet HTML 4Page - Cirrus Logic CDB61584A Datasheet HTML 5Page - Cirrus Logic CDB61584A Datasheet HTML 6Page - Cirrus Logic CDB61584A Datasheet HTML 7Page - Cirrus Logic CDB61584A Datasheet HTML 8Page - Cirrus Logic CDB61584A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
CDB61584A
Product Databook
Dual Line
Interface Unit
FEATURES
s Socketed CS61584A Dual Line Interface
s All Required Components for CS61584A
Evaluation
s Locations to Evaluate Protection Circuitry
s LED Status Indications for Alarm Conditions
s Support for Hardware and Host Modes
DESCRIPTION
The evaluation board includes a socketed CS61584A
dual line interface device and all support components
necessary for evaluation. The board is powered by an
external +5 Volt supply.
The board may be configured for 100
Ω twisted-pair T1,
75
Ω coax E1, or 120Ω twisted-pair E1 operation. Bind-
ing posts and bantam jacks are provided for line
interface connections. Several BNC connectors provide
clock and data I/O at the system interface. Reference
timing may be derived from a quartz crystal, crystal os-
cillator, or an external reference clock. Four LED
indicators monitor device alarm conditions.
ORDERING INFORMATION:
CDB61584A
Oscillator
Circuit
TTIP1
TRING1
RTIP1
RRING1
TTIP2
TRING2
RTIP2
RRING2
CHANNEL 1
CHANNEL 2
5V+ 0V
TCLK1
TPOS1
(TDATA1)
TNEG1
RCLK1
RPOS1
(RDATA1)
RNEG1
(BPV1)
CHANNEL 1
RESET
CIRCUIT
V+
TCLK2
TPOS2
(TDATA2)
TNEG2
RCLK2
RPOS2
(RDATA2)
RNEG2
(BPV2)
CHANNEL 2
Hardware Control
and Mode Circuit
LED Status
Indicators
Serial Interface
Control Circuit
CS61584A
XTL
REFCLK
DS261DB2
MAR ‘98


Similar Part No. - CDB61584A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB61581 CIRRUS-CDB61581 Datasheet
740Kb / 16P
Universal Line Interface Unit
More results

Similar Description - CDB61584A

ManufacturerPart #DatasheetDescription
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61318 CIRRUS-CS61318 Datasheet
442Kb / 28P
E1 LINE INTERFACE UNIT
CS61880 CIRRUS-CS61880 Datasheet
791Kb / 70P
OCTAL E1 LINE INTERFACE UNIT
logo
List of Unclassifed Man...
78P7200 ETC1-78P7200 Datasheet
171Kb / 11P
Line Interface Unit
logo
Exar Corporation
XR-T5793 EXAR-XR-T5793 Datasheet
164Kb / 16P
Quad E1 Line Interface Unit
logo
Cirrus Logic
CDB61581 CIRRUS-CDB61581 Datasheet
740Kb / 16P
Universal Line Interface Unit
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Intel Corporation
LXT381II INTEL-LXT381II Datasheet
226Kb / 36P
Octal E1 Line Interface Unit
logo
Renesas Technology Corp
IDT82V2042E RENESAS-IDT82V2042E Datasheet
1Mb / 84P
DUAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com