Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3014-FS Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS3014-FS
Description  Dual Low-power / Low-voltage Precision Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3014-FS Datasheet(HTML) 5 Page - Cirrus Logic

  CS3014-FS Datasheet HTML 1Page - Cirrus Logic CS3014-FS Datasheet HTML 2Page - Cirrus Logic CS3014-FS Datasheet HTML 3Page - Cirrus Logic CS3014-FS Datasheet HTML 4Page - Cirrus Logic CS3014-FS Datasheet HTML 5Page - Cirrus Logic CS3014-FS Datasheet HTML 6Page - Cirrus Logic CS3014-FS Datasheet HTML 7Page - Cirrus Logic CS3014-FS Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CS3014
DS711PP2
5
7/13/06
1.3
Absolute Maximum Ratings
2. PERFORMANCE PLOTS
Parameter
Min
Typ
Max
Unit
Supply Voltage
[(V+) – (V-)]
2.7
-
5.5
V
Input Voltage
(V-) – (0.3)
-
(V+) + (0.3)
V
Storage Temperature Range
-65
-
+150
ºC
Figure 1. Noise vs Frequency (Measured)
1
10
100
1000
0.01
0.1
1
10
Frequency (Hz)
Figure 3. Gain vs. Phase (2.7 V)
0.8
0.85
0.9
0.95
1
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage
Figure 5. Supply Current vs. Supply Voltage
Figure 2. 0.01 Hz to 10 Hz Noise
-300
-200
-100
0
100
200
300
012
34
567
89
10
Time (sec)
Figure 4. Gain vs. Phase (5 V)
0.000
0.250
0.500
0.750
1.000
1.250
1.500
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Figure 6. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com