Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3014-FS Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS3014-FS
Description  Dual Low-power / Low-voltage Precision Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3014-FS Datasheet(HTML) 4 Page - Cirrus Logic

  CS3014-FS Datasheet HTML 1Page - Cirrus Logic CS3014-FS Datasheet HTML 2Page - Cirrus Logic CS3014-FS Datasheet HTML 3Page - Cirrus Logic CS3014-FS Datasheet HTML 4Page - Cirrus Logic CS3014-FS Datasheet HTML 5Page - Cirrus Logic CS3014-FS Datasheet HTML 6Page - Cirrus Logic CS3014-FS Datasheet HTML 7Page - Cirrus Logic CS3014-FS Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS3014
4
DS711PP2
7/13/06
1.2
3 V Electrical Characteristics
V+ = +3 V, ±10%; V- = 0V; VCM = 2.5 V; Unless otherwise noted, TA = 25º C (See Note 5).
Notes: 5. Symbol “•” denotes specification applies over -40 to +125
° C.
6. This parameter is guaranteed by design and laboratory characterization.
7. Guaranteed within the output limits of (V+ – 0.2 V) to (V- + 0.2 V).
8. Specifies the worst case drive voltage relative to the supply rail under stated load conditions.
Parameter
Min
Typ
Max
Unit
Input Offset Voltage
(Note 6) •
-±10
±20
µV
Average Input Offset Drift
(Note 6) •
-±0.01
±0.05
µV/ºC
Input Bias Current
•
-
-
±110
-
±150
±1.0
pA
nA
Input Offset Current
•
-
-
±220
-
±300
±2.0
pA
nA
Input Noise Voltage Density
RS = 100 Ω, f0 = 1 Hz
RS = 100 Ω, f0 = 1 kHz
-
-
22
22
-
-
Input Noise Voltage
0.1 to 10 Hz
-
460
-
nVp-p
Input Noise Current Density
f0 = 1 Hz
-
100
-
Input Noise Current
0.1 to 10 Hz
-
1.9
-
pAp-p
Input Voltage Range
(Note 6) •
V-
-
V+
V
Common Mode Rejection Ratio (dc)
•
105
120
-
dB
Power Supply Rejection Ratio
•
100
120
-
dB
Large Signal Voltage Gain
(Note 7)RL = 2 kΩ to V+/2 •
-
112
145
135
-
-
dB
dB
Output Voltage Swing
RL = 2 kΩ to V+/2
(Note 8)RL = 100 kΩ to V+/2
•
(V+ – 200)
(V+ – 20)
-
-
(V- + 200)
(V- + 20)
mV
mV
Slew Rate
RL = 2 k, 100 pF
-
0.25
-
V/µs
Overload Recovery Time
-
40
-
µs
Supply Current
•
-
1.0
1.25
mA
Oscillator Frequency
-
125
-
kHz
Input Capacitance
Differential
Common Mode
-
-
1.5
10
-
-
pF
pF
nV/ Hz
nV/ Hz
fA/ Hz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com