Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BST84 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BST84
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BST84 Datasheet(HTML) 2 Page - NXP Semiconductors

  BST84 Datasheet HTML 1Page - NXP Semiconductors BST84 Datasheet HTML 2Page - NXP Semiconductors BST84 Datasheet HTML 3Page - NXP Semiconductors BST84 Datasheet HTML 4Page - NXP Semiconductors BST84 Datasheet HTML 5Page - NXP Semiconductors BST84 Datasheet HTML 6Page - NXP Semiconductors BST84 Datasheet HTML 7Page - NXP Semiconductors BST84 Datasheet HTML 8Page - NXP Semiconductors BST84 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BST84
DESCRIPTION
N-channel vertical D-MOS transistor
in SOT89 envelope and designed for
use as line current interrupter in
telephone sets and for application in
relay, high-speed and
line-transformer drivers.
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No second breakdown
QUICK REFERENCE DATA
PINNING - SOT89
Drain-source voltage
VDS
max.
200 V
Gate-source voltage (open drain)
±VGSO
max.
20 V
Drain current (DC)
ID
max.
250 mA
Total power dissipation up to Tamb =25 °CPtot
max.
1 W
Drain-source ON-resistance
typ.
max.
6
12
Ω
Ω
ID = 250 mA; VGS = 10 V
RDS(on)
Transfer admittance
ID = 250 mA; VDS = 15 V
 Yfs
typ.
250 mS
1 = source
2 = gate
3 = drain
PIN CONFIGURATION
Fig.1 Simplified outline and symbol.
Marking: KN
handbook, 2 columns
s
d
g
MBB076 - 1
handbook, halfpage
132
Bottom view
MSB013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com